Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1479 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1479
Description  Due to increasing consumer awareness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1479 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1479 Datasheet HTML 5Page - STMicroelectronics AN1479 Datasheet HTML 6Page - STMicroelectronics AN1479 Datasheet HTML 7Page - STMicroelectronics AN1479 Datasheet HTML 8Page - STMicroelectronics AN1479 Datasheet HTML 9Page - STMicroelectronics AN1479 Datasheet HTML 10Page - STMicroelectronics AN1479 Datasheet HTML 11Page - STMicroelectronics AN1479 Datasheet HTML 12Page - STMicroelectronics AN1479 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10/13
HIGH-PERFORMANCE MOTOR SYSTEM FOR WASHING MACHINES
Table 1. System Power consumption benchmark between brush Universal motor and
brushless AC motor solutions.
Table 2. System (motor + drive) efficiency at high speed
Figure 5. Power control linearity
(Motor + drive total
consumption)
Brush Universal Motor W
Brushless Induction Motor W
5Kg cotton washing process
125
51
2.5kg cotton washing process
210
80
2.5kg Terry clothes washing process
250
150
1600 rpm spinning process
750
650
Motor speed r.p.m
Loading torque N.m
Input power W
Efficiency %
16 600
0.19
440
75
16 600
0.24
550
76
16 600
0.29
650
78
Stator freq = 286Hz
Regulated slip = 8Hz
0,00
200,00
400,00
600,00
800,00
1000,00
0,00
0,10
0,20
0,30
0,40
Torque (N.m)
Input power (W)
Linear (Input power (W))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com