Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2794 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 3Page - STMicroelectronics AN2794 Datasheet HTML 4Page - STMicroelectronics AN2794 Datasheet HTML 5Page - STMicroelectronics AN2794 Datasheet HTML 6Page - STMicroelectronics AN2794 Datasheet HTML 7Page - STMicroelectronics AN2794 Datasheet HTML 8Page - STMicroelectronics AN2794 Datasheet HTML 9Page - STMicroelectronics AN2794 Datasheet HTML 10Page - STMicroelectronics AN2794 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
AN2794
System description
Doc ID 14827 Rev 2
7/39
on and off in order to transfer power to each primary of the center tapped transformer.
Contemporary conduction of both devices must be avoided by limiting the duty cycle value
of the constant frequency PWM modulator to less than 0.5. The PWM modulator should also
prevent unequal ON times for the driving signals since this would result in transformer
saturation caused by the "Flux Walking" phenomenon.
The basic operation is similar to a forward converter. In fact, when a primary switch is active,
the current flows through the rectifier diodes, charging the output inductor, while when both
the switches are off, the output inductor discharges. It is important to point out that the
operating frequency of the output inductor is twice the switching frequency.
A transformer reset circuit is not needed thanks to the bipolar flux operation, which also
means better transformer core utilization with respect to single-ended topologies.
The main disadvantage of the push-pull converter is the breakdown voltage of primary
power devices which has to be higher than twice the input voltage. In fact, when voltage is
applied to one of the two transformer primary windings by the conduction of a transistor, the
reflected voltage across the other primary winding puts the drain of the off state transistor at
twice the input voltage with respect to ground. This is the reason why push-pull converters
are not suitable for high input voltage applications.
For the above mentioned reasons, the voltage fed push-pull converter, shown in Figure 4, is
chosen to boost the input voltage from 24 V to a regulated 350 V, suitable for optimal
inverter operation. The high voltage conversion ratio can be achieved by proper transformer
turns ratio design, taking into account that the input to output voltage transfer function is
given by:
Equation 1
The duty cycle is set by a voltage mode PWM regulator (SG3525) to keep a constant output
DC bus voltage. This voltage is then converted into AC using a standard H-bridge converter
implemented with four ultrafast switching IGBTs in PowerMESH™ technology, switching at
16 kHz. The switching strategy, based on PWM sinusoidal modulation, is implemented on
an 8-bit ST7lite39 microcontroller unit. This allows the use of a simple LC circuit to obtain a
high quality sine wave in terms of harmonic content.
The power supply section consists of a buck-boost converter to produce a regulated 15 V
from a minimum input voltage of 4 V. The circuit can be simply implemented by means of a
L5973 device, characterized by an internal P-channel DMOS transistor and few external
components. In this way, it is possible to supply all the driving circuits and the PWM
modulator. A standard linear regulator, L7805, provides 5 V supply to the microcontroller
unit.
in
1
2
out
DV
N
N
2
V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com