Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2794 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 31Page - STMicroelectronics AN2794 Datasheet HTML 32Page - STMicroelectronics AN2794 Datasheet HTML 33Page - STMicroelectronics AN2794 Datasheet HTML 34Page - STMicroelectronics AN2794 Datasheet HTML 35Page - STMicroelectronics AN2794 Datasheet HTML 36Page - STMicroelectronics AN2794 Datasheet HTML 37Page - STMicroelectronics AN2794 Datasheet HTML 38Page - STMicroelectronics AN2794 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
AN2794
Product technical specification
Doc ID 14827 Rev 2
35/39
Appendix B
Product technical specification
Figure 26.
Technical specification for 1.5 mH 2.5 A inductor L4 (produced by
MAGNETICA)
TYPICAL APPLICATION
INDUCTOR FOR
DC/DC CONVERTERS AS BUCK, BOOST E
BUCK-BOOST CONVERTERS. ALSO SUITABLE IN HALF-
BRIDGE
, PUSH-PULL AND FULL-BRIDGE APPLICATIONS
TECHNICAL DATA
INDUCTANCE
1.5mH ±15%
(MEASURE 1KHZ, TA 20°C)
RESISTANCE
0.52
max
(MEASURE DC, TA 20°C)
OPERATING VOLTAGE
800 VP MAX
(F 100K HZ, IR 2.5A, TA 20°C)
OPERATING VOLTAGE
2.5 A MAX
(MEASURE DC 800
VP, TA 20°C)
SATURATION CURRENT
4.5 A NOM
(MEASURE DC, L 50%NOM, TA 20°C)
SELF
-RESONANT FREQUENY
1MHZ NOM
(TA 20°C)
OPERATING TEMPERATURE RANGE
-10°C÷+45°C
(IR 2.5 A MAX)
DIMENSIONS
45X20 H46mm
WEIGHT
78g CIRCA
SCHEMATIC
INDUCTANCE VS CURRENT
INDUCTANCE VS FREQUENCY
DIMENSIONAL DRAWING
DIMENSIONS IN MM
, DRAWING NOT IN SCALE
1
3
10%
100%
012
3
456
L
I [A]
0%
50%
100%
150%
200%
250%
0
200
400
600
800
1000
f [kHz]
3
1
2
2
1
3 min
45 max
46 max
20 max
0.8 (X4), RECOMMENDED PCB HOLE
1.2 (X4)
2
3
4
BOTTOM VIEW
(PIN SIDE)
12.7
10.16
30.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com