Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2794 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2794 Datasheet HTML 1Page - STMicroelectronics AN2794 Datasheet HTML 2Page - STMicroelectronics AN2794 Datasheet HTML 3Page - STMicroelectronics AN2794 Datasheet HTML 4Page - STMicroelectronics AN2794 Datasheet HTML 5Page - STMicroelectronics AN2794 Datasheet HTML 6Page - STMicroelectronics AN2794 Datasheet HTML 7Page - STMicroelectronics AN2794 Datasheet HTML 8Page - STMicroelectronics AN2794 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
List of figures
AN2794
4/39
Doc ID 14827 Rev 2
List of figures
Figure 1.
1 kW DC-AC converter prototype . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Block diagram of an offline UPS system. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Possible use of a DC-AC converter in standalone PV conversion . . . . . . . . . . . . . . . . . . . . 5
Figure 4.
Block diagram of the proposed conversion scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Push-pull converter typical waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 6.
Distribution of converter losses. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 7.
Distribution of losses with 3 STP160N75F3s paralleled . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 8.
Component placement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 9.
Top layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 10.
Bottom layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 11.
Schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 12.
Characteristic waveforms (measured at 24 V input voltage and 280 W resistive load) . . . 26
Figure 13.
Characteristic waveforms (measured at 28 V input voltage and 1000 W resistive load) . . 26
Figure 14.
MOSFET voltage (ch4) and current (ch3) without RC snubber . . . . . . . . . . . . . . . . . . . . . 27
Figure 15.
MOSFET voltage (ch4) and current (ch3) with RC snubber . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 16.
Rectifier diode current (ch3) and voltage (ch4) without RDC snubber . . . . . . . . . . . . . . . . 27
Figure 17.
Rectifier diode current (ch3) and voltage (ch4) with RDC snubber. . . . . . . . . . . . . . . . . . . 27
Figure 18.
Ch1, ch3 MOSFETs drain current, ch2, ch4 MOSFET drain-source voltage . . . . . . . . . . . 28
Figure 19.
Startup, ch2, ch3 inverter voltage and current, ch4 DC bus voltage . . . . . . . . . . . . . . . . . 28
Figure 20.
DC-DC converter efficiency with 20 V input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 21.
DC-DC converter efficiency with 22 V input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 22.
DC-DC converter efficiency with 24 V input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 23.
DC-DC converter efficiency with 26 V input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 24.
DC-DC converter efficiency with 28 V input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 25.
Converter efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 26.
Technical specification for 1.5 mH 2.5 A inductor L4 (produced by MAGNETICA) . . . . . . 35
Figure 27.
Technical specification for 1 kW, 100 kHz switch mode power transformer TX1
(produced by MAGNETICA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 28.
Dimensional drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com