Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2794 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2794
Description  This application note provides design guidelines
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2794 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2794 Datasheet HTML 31Page - STMicroelectronics AN2794 Datasheet HTML 32Page - STMicroelectronics AN2794 Datasheet HTML 33Page - STMicroelectronics AN2794 Datasheet HTML 34Page - STMicroelectronics AN2794 Datasheet HTML 35Page - STMicroelectronics AN2794 Datasheet HTML 36Page - STMicroelectronics AN2794 Datasheet HTML 37Page - STMicroelectronics AN2794 Datasheet HTML 38Page - STMicroelectronics AN2794 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
AN2794
Product technical specification
Doc ID 14827 Rev 2
37/39
Figure 28.
Dimensional drawing
7
8
55.5 max
3 min
1.0, Recommended PCB hole
1.4
56.5 max
14 13 12 4 10 9 8
1356.0004
SMT 1kW 100kHz
MAGNETICA
08149
BOTTOM VIEW
(PIN SIDE )
5
40
1
7
8
14
MISSING PIN
REFERENCE AS PCB ASSEMBLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com