Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2842 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2842
Description  Paralleling of power MOSFETs in PFC topology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2842 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2842 Datasheet HTML 4Page - STMicroelectronics AN2842 Datasheet HTML 5Page - STMicroelectronics AN2842 Datasheet HTML 6Page - STMicroelectronics AN2842 Datasheet HTML 7Page - STMicroelectronics AN2842 Datasheet HTML 8Page - STMicroelectronics AN2842 Datasheet HTML 9Page - STMicroelectronics AN2842 Datasheet HTML 10Page - STMicroelectronics AN2842 Datasheet HTML 11Page - STMicroelectronics AN2842 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Approach to the study
AN2842
8/22
Doc ID 15110 Rev 1
With the Q1 device in position A and Q2 in position B, the current relative to Q1 (yellow line)
changes depending on its position, and in particular, during turn-on detail it is bigger than
Q2. When Q1 is put in position B and Q2 in A, its current is lower than Q2. So, the device
behaviors are linked to their positions. In this case it is necessary to compensate this
difference or redesign the circuit to reduce the PCB differences. A deeper analysis has
shown a small difference in the source path, a difference that caused unbalanced current
during turn-on operation and then different working temperatures (if the devices are
mounted on different heat-sinks). If the system arrives at a thermal balance, different
working temperatures for the devices are the final results. Instead, when the circuit has very
similar parameters in terms of electrical characteristics as the devices, layout considerations
and so on, the currents and the relative waveforms are balanced as shown in
Figure 8.
Figure 8.
Details of current balance when circuit has very similar parameters
In the switching system, as seen previously, when the current imbalance is due principally at
the voltage on the gate circuitry, main different happens not clear during the commutation; in
fact, during this phase the variation between branches causes different voltage on the gate
pin. If we look at the
Figure 9 and Figure 10, we can see the details during the switching on
in two different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com