Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2842 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2842
Description  Paralleling of power MOSFETs in PFC topology
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2842 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2842 Datasheet HTML 1Page - STMicroelectronics AN2842 Datasheet HTML 2Page - STMicroelectronics AN2842 Datasheet HTML 3Page - STMicroelectronics AN2842 Datasheet HTML 4Page - STMicroelectronics AN2842 Datasheet HTML 5Page - STMicroelectronics AN2842 Datasheet HTML 6Page - STMicroelectronics AN2842 Datasheet HTML 7Page - STMicroelectronics AN2842 Datasheet HTML 8Page - STMicroelectronics AN2842 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
July 2009
Doc ID 15110 Rev 1
1/22
AN2842
Application note
Paralleling of power MOSFETs in PFC topology
Introduction
The current handling capability demands on power supply systems to meet high load
current requirements and provide greater margins for overload and reliability, often exceed
the capability of the largest semiconductor devices considered, and their paralleling may
become an attractive alternative. All semiconductor circuits using parallel connected devices
to switch to higher load currents can easily be analyzed by using Kirchoff's law. As long as
all voltage drops in the parallel branches are equal, the currents through the branches are of
similar values if the resistance in each branch is the same. This is logical, but when we
consider the various functions where switching devices are employed, we must also
consider the parameters of each single switching device and all the parasitic phenomena
related to the device.
In this paper we review several factors that influence the behaviors of devices in parallel
configurations. When devices operate in parallel configurations to provide a good dynamic
equilibrium among device currents, consideration should be given to current sharing. The
layout design must be carried out carefully to minimize the differences between device
branches. In addition, switching parameters of devices may not be the same, causing one to
be continuously stressed (by at some time supporting all the input current). Naturally, this
problem worsens as the number of paralleled devices increases. Therefore, it is very
important to understand which factors are linked to the device that cause current imbalance.
Concerning power MOSFET devices, there are many parameters that can influence the
current imbalance and in principle they can be summarized as threshold voltage, gain,
intrinsic capacitances, ON resistance and working temperature mismatches. Individually or
in combination, mismatch between these parameters may produce serious imbalances and
could cause device failure.
In order to investigate the impact of the different factors, some PFC topologies have been
analyzed. The study has included different topologies to understand if the device behaviors
are also related to the configuration. In this paper, three booster PFC topologies are
discussed. In the first topology, a booster PFC is developed using two power MOSFETs
connected directly in parallel (
Figure 1). In this case, two different drive circuits are used for
each single device. Another topology under analysis uses two PFC blocks connected in
parallel (
Figure 2). Also in this case, two drive circuits pilot the gate pin. Finally, a topology
with three devices connected in a parallel configuration is analyzed (
Figure 3).
www.st.com


Similar Part No. - AN2842

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
AN2841 STMICROELECTRONICS-AN2841 Datasheet
788Kb / 31P
This application note deals with the general principles of LED dimming
10-Nov-2008
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
15 W wide range SMPS for metering
13-Mar-2009
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
The serial current limited termination device
22-Feb-2010
AN2847 STMICROELECTRONICS-AN2847 Datasheet
407Kb / 31P
This document provides application information for the low-voltage 3-axis digital output
08-Sep-2010
More results

Similar Description - AN2842

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMD40-06KC IXYS-FMD40-06KC Datasheet
50Kb / 2P
HiPerFET Power MOSFETs -Boost Chopper Topology in ISOPLUS i4-PAC
logo
Tyco Electronics
WSYN MACOM-WSYN Datasheet
68Kb / 1P
Paralleling Relays
logo
IXYS Corporation
FMP36-015P IXYS-FMP36-015P Datasheet
107Kb / 4P
Polar P & N-Channel Power MOSFETs Common Drain Topology
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
Power Converter Topology
AN-5233 FAIRCHILD-AN-5233 Datasheet
702Kb / 4P
Consideration of Power MOSFETs
logo
Micross Components
ASJD1200R045 MICROSS-ASJD1200R045 Datasheet
148Kb / 4P
Positive Temperature Coeffi cient for Ease of Paralleling
ASJD1200R085 MICROSS-ASJD1200R085 Datasheet
223Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
ASJE1200R063 MICROSS-ASJE1200R063 Datasheet
222Kb / 7P
Positive Temperature Coeffi cient for Ease of Paralleling
logo
Microchip Technology
VP2450 MICROCHIP-VP2450 Datasheet
575Kb / 14P
Ease of Paralleling
06/23/16
logo
STMicroelectronics
STGW80H65FB-4 STMICROELECTRONICS-STGW80H65FB-4 Datasheet
772Kb / 14P
Safe paralleling
03-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com