Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4022 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4022
Description  TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4022 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4022 Datasheet HTML 2Page - STMicroelectronics AN4022 Datasheet HTML 3Page - STMicroelectronics AN4022 Datasheet HTML 4Page - STMicroelectronics AN4022 Datasheet HTML 5Page - STMicroelectronics AN4022 Datasheet HTML 6Page - STMicroelectronics AN4022 Datasheet HTML 7Page - STMicroelectronics AN4022 Datasheet HTML 8Page - STMicroelectronics AN4022 Datasheet HTML 9Page - STMicroelectronics AN4022 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Dynamic resistance and how to measure it
AN4022
6/15
DocID022589 Rev 2
Figure 7. Test board
The circuit can drive current from 500 mA up to 50 A, allowing measurements beyond the
IEC61000-4-2 standard highest level. In fact, at VPP = 15 kV contact, the current through the
device under test is 20 A to 62 A, between the first spike up to 60 ns. (Figure 8)
Figure 8. IEC61000-4-2 waveform, current level at VPP = 15 kV (contact discharge)
To get the dynamic clamping characteristic of the device from 0 to IPP max, the current is
increase step by step, and at each level, the voltage is measured. Typical results up to
IPP = 40 A are shown in Figure 9. In this example, the device is an ESDA6V1P6.
IPP = 62.3 A
IPP = 19.2 A
IPP = 33.1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com