Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4022 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4022
Description  TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4022 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4022 Datasheet HTML 7Page - STMicroelectronics AN4022 Datasheet HTML 8Page - STMicroelectronics AN4022 Datasheet HTML 9Page - STMicroelectronics AN4022 Datasheet HTML 10Page - STMicroelectronics AN4022 Datasheet HTML 11Page - STMicroelectronics AN4022 Datasheet HTML 12Page - STMicroelectronics AN4022 Datasheet HTML 13Page - STMicroelectronics AN4022 Datasheet HTML 14Page - STMicroelectronics AN4022 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID022589 Rev 2
11/15
AN4022
Predicted results versus measured results
15
Figure 16. Gap between measured and calculated values versus current rate of rise
Figure 17. Parasitic inductance
There are three considerations regarding the first spike:
This calculation of the VCL for this first spike is not correct for a bidirectional device or a
rail to rail plus Transil™ device (USBULC6-2F3 for example), because in this case, a
parameter called VFP linked to one of the junctions in forward conduction induces
another added spike voltage. This VFP depends on the diode technology and cannot be
easily evaluated.
We see here the importance of the parasitic inductances especially the ground
inductance return pass. The lower the value of this inductance, the lower the value of
this transient voltage.
This spike is not the most critical for the device to protect against because I/O’s IC
circuits are dimensioned to withstand short pulses with these levels, similar to machine
model ESD tests, for example.
From Figure 14 and Figure 15 we see the predicted values for the clamping voltages at
30 ns and 60 ns are very close to the measured results, assuming the dynamic
characteristic measured in these conditions are consistent, even at high current and voltage
levels.
Note:
The study in forward polarity gives the same kind of results.
0
10
20
30
40
50
0
20
40
60
80
100
ΔV
(V)
CL
dI/dt (A/ns)
0.0
0.2
0.4
0.6
0.8
1.0
0
20
406080
100
Average value: 0.5 nH
dI/dt (A/ns)
L
(nH)
PARASITIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com