Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4022 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4022
Description  TVS short pulse dynamic resistance measurement and correlation with TVS clamping voltage during ESD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4022 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4022 Datasheet HTML 7Page - STMicroelectronics AN4022 Datasheet HTML 8Page - STMicroelectronics AN4022 Datasheet HTML 9Page - STMicroelectronics AN4022 Datasheet HTML 10Page - STMicroelectronics AN4022 Datasheet HTML 11Page - STMicroelectronics AN4022 Datasheet HTML 12Page - STMicroelectronics AN4022 Datasheet HTML 13Page - STMicroelectronics AN4022 Datasheet HTML 14Page - STMicroelectronics AN4022 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TLP measurements
AN4022
12/15
DocID022589 Rev 2
4
TLP measurements
A commonly used method to probe the dynamic characteristic of a TVS is the TLP
(transmission line pulse). This uses square pulses with a duration between 75 ns to 200 ns
with fast rise times of few nanoseconds. The equipment required is specific and expensive
and is dedicated to the characterization of the ESD robustness of protection devices,
especially for integrated circuit I/O’s. The equipment is usually limited to 10 A in maximum
current level (sometimes 20 A).
It is interesting to compare the results obtained by our method and the TLP method.
In Figure 18 and Figure 19, TLP measurements have been made on an ESDAULC6-1U2 up
to 10 A, on the breakdown and forward area. The characteristics obtained by the triangular
pulse are superimposed in green. There is little difference between the two results.
Figure 18. TLP measurements compared with triangular waveform (breakdown
polarity)
It2 = 9.6618 A
Issb = 9.5235 A
Vt1 = 9.1069 V
Vh = 9.1069 V
Ron = 1.2246 ohm
It2
Vt1
Breakdown
Triangular waveform
TLP
DUT voltage (V)
Leakage current (A)
10
9
8
7
6
5
4
3
2
1
0
0
5
10
15
20
10
-12
10
-10
10
-8
10
-6
10
-4
10
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com