Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0107 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TN0107
Description  Mounting instructions for STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0107 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TN0107 Datasheet HTML 4Page - STMicroelectronics TN0107 Datasheet HTML 5Page - STMicroelectronics TN0107 Datasheet HTML 6Page - STMicroelectronics TN0107 Datasheet HTML 7Page - STMicroelectronics TN0107 Datasheet HTML 8Page - STMicroelectronics TN0107 Datasheet HTML 9Page - STMicroelectronics TN0107 Datasheet HTML 10Page - STMicroelectronics TN0107 Datasheet HTML 11Page - STMicroelectronics TN0107 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Handling precautions and storage notices
TN0107
8/15
DocID15852 Rev 3
Workbench surfaces must not be built of low-resistance metallic material that allows
rapid static discharge when a charged device touches it directly.
•
Work chairs have to be protected with an antistatic textile cover and grounded to the
floor surface with a grounding chain.
•
Antistatic mats have to be installed on storage shelf surfaces.
•
For transport and temporary storage of devices, containers have to be made of
antistatic materials dissipating static electricity.
•
Operators must wear antistatic clothing and conductive shoes (or a leg or heel strap).
•
Operators must wear a wrist strap grounded to earth through a resistor of about 1
Ω.
•
If the tweezers used touch the device terminals, an antistatic type should be used and
metallic tweezers should be avoided. If a charged device touches a low-resistance tool,
a rapid discharge can occur. When vacuum tweezers are used, a conductive chucking
pad should be attached to the tip and connected to a dedicated ground used for
antistatic purposes.
2.4
Electrical shock
The device has not to be touched unless the power to the measuring instrument is off. This
is to avoid the device’s electrical shock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com