Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0107 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TN0107
Description  Mounting instructions for STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0107 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TN0107 Datasheet HTML 7Page - STMicroelectronics TN0107 Datasheet HTML 8Page - STMicroelectronics TN0107 Datasheet HTML 9Page - STMicroelectronics TN0107 Datasheet HTML 10Page - STMicroelectronics TN0107 Datasheet HTML 11Page - STMicroelectronics TN0107 Datasheet HTML 12Page - STMicroelectronics TN0107 Datasheet HTML 13Page - STMicroelectronics TN0107 Datasheet HTML 14Page - STMicroelectronics TN0107 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID15852 Rev 3
11/15
TN0107
Reflow
15
3.3
Pin-in-paste
Another technique used to solder THDs is to print solder paste onto a PCB near or over drill
holes through which the leads are then inserted. The reflow of the solder paste is done
together with soldering the SMDs, which therefore have to go through the reflow
temperature profile. This has two consequences:
1.
The temperature is nearly the same for the whole package in contrast to wave
soldering.
2.
The time for which the peak temperature is applied to the package is much longer
compared to wave soldering.
THDs are qualified for wave soldering and not for reflow soldering. Therefore, pin-in-paste
soldering techniques are not recommended for the SLLIMM.
3.4
Heatsink mounting by reflow soldering
In special applications the heatsinks of high-power THDs can be mounted to the board by
solder paste printing, pick-and-place, and reflow soldering. In this case, the packages
undergo a reflow profile. THDs are qualified for wave soldering and not for the reflow
soldering. Therefore, reflow soldering should not be used for the heatsink mounting for the
SLLIMM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com