Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0107 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TN0107
Description  Mounting instructions for STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0107 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TN0107 Datasheet HTML 7Page - STMicroelectronics TN0107 Datasheet HTML 8Page - STMicroelectronics TN0107 Datasheet HTML 9Page - STMicroelectronics TN0107 Datasheet HTML 10Page - STMicroelectronics TN0107 Datasheet HTML 11Page - STMicroelectronics TN0107 Datasheet HTML 12Page - STMicroelectronics TN0107 Datasheet HTML 13Page - STMicroelectronics TN0107 Datasheet HTML 14Page - STMicroelectronics TN0107 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Rework
TN0107
12/15
DocID15852 Rev 3
4
Rework
If a defective component is observed after the board assembly, the device can be removed
and replaced by a new one. Repair of single solder joints is generally possible, but requires
proper tools. For example, repairing the solder joint of an exposed die pad cannot be done
by a soldering iron.
Whatever rework process is applied, it is important to recognize that heating a board and
components above 200 °C may result in damage. As a precaution, every board with its
components has to be baked prior to rework. For details, please refer to the international
standard J-STD-033.
In any case, mechanical, thermal or thermo-mechanical overstress has to be avoided, and
rework has to be done according to JEDEC J-STD-033A, IPC-7711 and IPC-7721.
4.1
Device removal
If a defective component is sent back to the supplier, no further defects must be caused
during the removal of this component, because this may hinder the failure analysis by the
supplier. The following recommendations should be considered:
•
Moisture: depending on the MSL, the package may have to be dried before removal. If
the maximum storage time out of the dry pack (see label on packing material) is
exceeded after board assembly, the PCB has to be baked according to the
recommendations of the PCB manufacturer. Otherwise, too much moisture may have
been accumulated and damage may occur (“popcorn” effect).
•
Temperature profile: during the desoldering process it should be assured that the
package peak temperature is not higher and temperature ramps are not steeper than
for the standard assembly wave process.
•
Mechanics: be careful not to apply high mechanical forces for removal. Otherwise
failure analysis of the package can be impossible, or PCB can be damaged. For large
packages, pipettes can be used (implemented on most rework systems); for small
packages, tweezers may be more practical.
4.2
Site redressing
After removing the defective component, pads on the PCB have to be cleaned to remove
solder residues. This may be done by vacuum desoldering or wick.
Don’t use steel brushes because steel residues can lead to bad solder joints. Before placing
a new component, it may be necessary to apply solder paste on PCB pads by printing
(special micro-stencil) or dispensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com