Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0107 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TN0107
Description  Mounting instructions for STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0107 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TN0107 Datasheet HTML 7Page - STMicroelectronics TN0107 Datasheet HTML 8Page - STMicroelectronics TN0107 Datasheet HTML 9Page - STMicroelectronics TN0107 Datasheet HTML 10Page - STMicroelectronics TN0107 Datasheet HTML 11Page - STMicroelectronics TN0107 Datasheet HTML 12Page - STMicroelectronics TN0107 Datasheet HTML 13Page - STMicroelectronics TN0107 Datasheet HTML 14Page - STMicroelectronics TN0107 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID15852 Rev 3
13/15
TN0107
Rework
15
4.3
Reassembly and reflow
After preparing the site, the new package can be placed onto the PCB and the leads are to
be inserted into the holes. Regarding placement accuracy and placement force, the process
should be comparable to the (automatic) pick-and-place process.
During the soldering process, it should be assured that the package peak temperature is not
higher and temperature ramps are not steeper than for the standard assembly process.
Soldering wire can be used to re-solder the leads. Use no-clean solder paste only, solder
wire, and flux for repair.
4.4
Coating of assembled PCBs
In some applications, coatings are used to prevent damage due to external influences such
as:
Mechanical abrasion
Vibration
Shock
Humidity
Hand perspiration
Chemicals and corrosive gases
These influences may cause:
Electrical leakage due to humidity.
Corrosion that leads to degradation of conductor paths, solder joints, and any other
metalized areas, and/or formation of electrical leakage paths. These can eventually
result in electrical shorts (electrical leakage) or open contacts.
Mechanical damage to conductor paths, solder joints, and components. This damage
can lead to electrical failures.
Coatings act as electrically isolating and impervious covers that adhere well to the different
PCB materials.
A wide variety of different coatings is available on the market. They differ in:
Price
Simple processability (spray, dip, casting, curing, etc.)
Reparability
Controllability
Homogeneity
In any case, please be aware of the chemical, electrical, mechanical and thermo-
mechanical interaction between the coating and the PCB and its components. Coatings can
affect component reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com