Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0527 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM0527 Datasheet HTML 48Page - STMicroelectronics UM0527 Datasheet HTML 49Page - STMicroelectronics UM0527 Datasheet HTML 50Page - STMicroelectronics UM0527 Datasheet HTML 51Page - STMicroelectronics UM0527 Datasheet HTML 52Page - STMicroelectronics UM0527 Datasheet HTML 53Page - STMicroelectronics UM0527 Datasheet HTML 54Page - STMicroelectronics UM0527 Datasheet HTML 55Page - STMicroelectronics UM0527 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Technical description
UM0527
52/66
2.5
Signalization description
2.5.1
Indicators
2.5.2
Sound alarms
2.6
Bill of material
2.6.1
Bill of material for 120 Vac version
Table 25.
Indicators
Green LED
(mains)
Yellow LED
(battery)
Red LED
(failure/overload)
Mains mode
Solid on
Off
Off
Battery mode
Off
Solid on
Flash On (BATLOW)
Off
Buck/boost mode
Flash on
Off
Off
Battery charging
Solid on
Flash on
Off
Overload (mains)
Solid on
Off
Flash on
Overload ( battery)
Off
Solid On
Flash on
Self test
Solid on
Solid on
Off
Fault ( mains)
Solid on
Off
Solid on
Fault (battery)
Off
Solid on
Solid on
Standby mode
Off
Off
Flash on
(one per 2 sec.)
Table 26.
Sound alarms
State
Beeper alarm sequence
Inverter mode
1 beep with 1 s. interval by 15 s. and after this 1 beep with 15 s. interval
Overload
1 beep with 0.3 s. interval
BATLOW
continuous signal
State
Beeper alarm sequence
Inverter mode
1 beep with 1 s. interval by 15 s. and after this 1 beep with 15 s. interval
Table 27.
Bill of material for 120 Vac version
Part type
Designator
Manufacturer
Qty
Ordering code
0.68 R 2 W
R137
Royal
Ω
1
MOR I 2W J 68K T 1 0
0 R
R28
Yageo
1
RC 0805 J R-07 0R L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com