Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0527 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0527 Datasheet HTML 24Page - STMicroelectronics UM0527 Datasheet HTML 25Page - STMicroelectronics UM0527 Datasheet HTML 26Page - STMicroelectronics UM0527 Datasheet HTML 27Page - STMicroelectronics UM0527 Datasheet HTML 28Page - STMicroelectronics UM0527 Datasheet HTML 29Page - STMicroelectronics UM0527 Datasheet HTML 30Page - STMicroelectronics UM0527 Datasheet HTML 31Page - STMicroelectronics UM0527 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
General description
UM0527
28/66
synchronized with the mains, the ACF! signal is set to low and the inverter is
switched off.
–
Mains mode - in this mode the battery charger is switched on and the UPS is
supplied from the mains. The inverter is switched off (INV_A and INV_B are in low
state), and ACF! is high.
–
Buck mode - in this mode the battery charger is switched on and the UPS is
supplied from the mains. The ACH signal is switched on, the inverter is switched
off, ACF! is high and the ACL signal is in low state.
–
Boost mode - in this mode the battery charger is switched on and the UPS is
supplied from the mains. The ACL signal is switched on, the inverter is switched
off, ACF! is high and the ACH signal is in low state.
–
Standby mode - in this mode the battery charger is switched off and the UPS is
supplied from the battery. ACH and ACL are in low state, ACF! is low, CHOFF is
high, and the inverter is switched off.
–
Standby charge mode - the UPS is in this state when the mains is lower than the
low level boost mode. ACH and ACL are in low state, ACF! is high, CHOFF is low,
and the inverter is switched off.
–
OFF mode - the UPS in this mode is totally switched off. This state is availably only
in battery mode after pressing the on/off key longer than 4 seconds.
Additionally the UPS tests the battery. The battery test is done by switching to the inverter
mode. During the test the MCU measures UPS output load and battery voltage. If the
battery voltage during the test falls below the limit, the battery is failing. The value of the limit
depends on time and load current. The test can be forced by the user with a PC. The battery
condition can by checked after switching to the inverter mode without forcing the test. A load
is necessary to test the battery.
Table 11.
Signal state in different modes
Work mode
INV_A
INV_B
ACH
ACL
ACF!
CHOFF
SHD
Inverter mode
50 Hz (60 for US
version) PWM
signal (less than
40% duty cycle)
50 Hz (60 for US
version) PWM
signal (less than
40% duty cycle)
LL
L
L
Signal is switched to
L after rising edge
INV_A or INV_B and
switched to H before
falling edge INV_A
or INV_B.
Mains mode
L
L
L
L
H
Depends on
battery
voltage
H
Buck mode
L
L
L
H
H
H
Boost mode
L
L
H
L
H
H
Standby mode
L
L
L
L
L
H
H
Standby charge
mode
LL
L
L
H
Depends on
battery
voltage
H
Off mode
L
L
L
L
H
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com