Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0527 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0527 Datasheet HTML 18Page - STMicroelectronics UM0527 Datasheet HTML 19Page - STMicroelectronics UM0527 Datasheet HTML 20Page - STMicroelectronics UM0527 Datasheet HTML 21Page - STMicroelectronics UM0527 Datasheet HTML 22Page - STMicroelectronics UM0527 Datasheet HTML 23Page - STMicroelectronics UM0527 Datasheet HTML 24Page - STMicroelectronics UM0527 Datasheet HTML 25Page - STMicroelectronics UM0527 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
General description
UM0527
22/66
Referring to Figure 10, the measurements are defined as follows:
a)
Output current. Input voltage measurement unit is built as a differential amplifier
with a 2.5 V offset (LM324). The output signal from the amplifier is connected to
the A/D converter in the microcontroller.
b)
Battery voltage. The input voltage phase unit works as a comparator (LM324) and
contains information about the sign of the input voltage waveform.
c)
Inverter output voltage. Output current unit is built as a differential amplifier with
2.5 V offset (LM324). The output signal from the amplifier is connected to the A/D
converter in the microcontroller.
d)
Input voltage. The inverter output voltage is monitored through the voltage divider
and connected to the microcontroller A/D converter input.
e)
Input voltage phase. The battery voltage measurement uses a resistive voltage
divider and the next A/D converter input of the microcontroller.
1.1.13
Battery overcurrent protection
Figure 11.
Battery overcurrent protection
The battery overcurrent protection is given by a fuse.
1.1.14
Mains protection
The mains is protected by an automatic fuse mounted in an enclosure. If tripping occurs, the
fuse can be reset by the UPS user.
1.1.15
UPS modes
F2
3,15A 250V
VAKK
VBAT
GND
1
J12
1
J16
VAKK
VBAT
GND
Table 4.
UPS modes
Mains
mode
Boost
mode
Buck
mode
Inverter
mode
Standby
mode
Standby
charge
mode
OFF
mode
UPS input
On
On
On
Off
Off
On
Off
UPS output
On/off
On/off
On/off
On
Off
Off
Off
Battery charger
On
On
On
Off(1)
Off
On
Off
Inverter
Off
Off
Off
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com