Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0527 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0527
Description  UPS evaluation board
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0527 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0527 Datasheet HTML 41Page - STMicroelectronics UM0527 Datasheet HTML 42Page - STMicroelectronics UM0527 Datasheet HTML 43Page - STMicroelectronics UM0527 Datasheet HTML 44Page - STMicroelectronics UM0527 Datasheet HTML 45Page - STMicroelectronics UM0527 Datasheet HTML 46Page - STMicroelectronics UM0527 Datasheet HTML 47Page - STMicroelectronics UM0527 Datasheet HTML 48Page - STMicroelectronics UM0527 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
UM0527
Technical description
45/66
2.3
Assembly description
2.3.1
General
Table 17.
UPS components
Model
Type
120 Vac version
230 Vac version
Case
UPS Ares 700/1000
Power cord
3 x 1.0 mm2
Control panel
UPS 500 rack
Battery
VRLA type 2 x 7,2 Ah/12 V
AVR transformer
AVR 700/ST/120/1
AVR 700/ST/230/1
Switch/fuse
ETA 3120-F35G-P7M1-D04X -12 A
ETA 3120-F35G-P7M1-D04X -6 A
Output wires
Twisted 2x1.0 mm2, 30 cm long
Ground wire
1x1.0 mm2, 30 cm long
Ferrite toroidal core
Richco RT250-150-120
Battery fuse
40 A
Motherboard
ver. 020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com