Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1076 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1076
Description  ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1076 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1076 Datasheet HTML 2Page - STMicroelectronics AN1076 Datasheet HTML 3Page - STMicroelectronics AN1076 Datasheet HTML 4Page - STMicroelectronics AN1076 Datasheet HTML 5Page - STMicroelectronics AN1076 Datasheet HTML 6Page - STMicroelectronics AN1076 Datasheet HTML 7Page - STMicroelectronics AN1076 Datasheet HTML 8Page - STMicroelectronics AN1076 Datasheet HTML 9Page - STMicroelectronics AN1076 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
2.2 MODE CONFIGURATION
The various modes of the external memory interface are configured through the bits of the
EMR1 and MODER control registers.
s
EMR1 register:
– Mode Control (MC bit 6): by setting this bit, the Intel mode is used for the external memory
interface. In this mode, the ASn pin becomes ALE (Address Load Enable), which corre-
sponds to ASn inverted. The DSn pin becomes OEN (Output Enable), which behaves like
DSn during a Read cycle, but which is forced to 1 during Write cycles. The RWn pin be-
comes WEN (Write Enable), which behaves like DSn during a Write cycle, but which is
forced to 1 during Read cycles.
– Buffer Size (BSZ bit 1): when this bit is 0 (default value), the external memory interface
pins use smaller, less noisy output buffers. This may limit the operation frequency of the
device. Typically, for an internal frequency greater than 10MHz, this bit must be set to use
larger (but more noisy) buffers. Another possibility is to add some wait states to slow down
the external memory interface signals (see Section 2.4).
Note: Some devices don’t have the BSZ bit and it is set to 0 by hardware. Please refer to
the datasheet.
– Data Strobe 2 Enable (DS2EN bit 5): Large Memory Model option. Setting this bit enables
the second Address Strobe pin DS2n. In this case, DSn is used when the upper memory
block is addressed (while DS2n is forced to 1), and DS2n is used when the lower memory
block is addressed (while DSn is forced to 1).
s
MODER register:
– High Impedance (HIMP bit 0): setting this bit forces the external memory interface signals
(Ports 0, 1 and ASn, DSn, RWn) into High Impedance state. This option is recommended
for program phases where only internal memory is used, in order to reduce noise. This bit
must be kept to zero when the external memory has to be accessed (permanently for a
Romless version).
s
EMR2 register WARNING:
The bit 4 of the EMR2 register must be set by the user when using the external memory in-
terface. Be very careful with this bit because the reset value is 0 in some devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com