Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1076 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1076
Description  ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1076 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1076 Datasheet HTML 7Page - STMicroelectronics AN1076 Datasheet HTML 8Page - STMicroelectronics AN1076 Datasheet HTML 9Page - STMicroelectronics AN1076 Datasheet HTML 10Page - STMicroelectronics AN1076 Datasheet HTML 11Page - STMicroelectronics AN1076 Datasheet HTML 12Page - STMicroelectronics AN1076 Datasheet HTML 13Page - STMicroelectronics AN1076 Datasheet HTML 14Page - STMicroelectronics AN1076 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12/15
ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
EXTERNAL BUS TIMING TABLE (MC = 1, BSZ = 1)(Measured on F250)
(VDD = 5V ± 10%, TA = -40°C to +125°C, Cload = 50pF)
Note: The timing diagram remains the same for BSZ = 1. We don’t have these measurements
for MC= 0 because we want to promote MC = 1 mode in order to conform with industry
standard.
3.1 MAKING YOUR OWN MEASUREMENTS
Most of these parameters are easy to measure just by writing small programs for writing or
reading to/from the memory. Except for the Data valid to /OEN falling parameter which re-
quires capturing the instant data seen by the microcontroller during a read cycle. To measure
this, a pulse generator is required which can output a pulse with a configurable delay from a
given signal (ALE in this case.) This pulse is used to trigger one of the P0 port pins and data
on port0 is dumped to port4 continuously. So by monitoring port4 and adjusting the delay to
get a ‘1’ at port4, keeping the pulse as narrow as possible the actual moment at which data be-
comes valid for the microcontroller with respect to ALE going low can be captured.
All the measurements for MC=1 have been made between 80% transition of first edge and
20% transition of the second so as to get the minimum values for the measured parameter
By looking at the parameter values for BSZ = 0. It can be concluded that its necessary to add
1 or 2 wait states while operating at high frequencies such as 12MHz otherwise the value of
some of the parameters becomes negative.
N°
Symbol
Parameter
Value (Note)
Unit
Formula
Min.
1
TsA (ALE)
Address Set-up Time before ALE
↓
Tck*Wa+TckH - 28
180
ns
2
ThALE (A)
Address Hold Time after ALE
↓
TckL - 15
26
ns
3
TwALE
ALE High Pulse Width
Tck*Wa+TckH - 24
184
ns
4
TdAz (OEN)
Address Float (P0) to OEN
↓
00
ns
5
TdOEN(Az)
P0 driven after OEN
↑
TckL - 22
20
ns
6TwOEN
OEN Low Pulse Width
Tck*Wd+TckH - 24
184
ns
7TwWEN
WEN Low Pulse Width
Tck*Wd+TckH - 16
192
ns
8TdOEN (DR)
OEN
↓ to Data Valid Delay
Tck*Wd+TckH - 36
172
ns
9
ThDR (OEN)
Data hold time after OEN
↑
00
ns
10
ThOEN(A)
Address (A21:A8) hold time after OEN
↑
00
ns
11
ThWEN(A)
Address (A21:A8) hold time after WEN
↑
00
ns
12
TvA(OEN)
Address (A21:A0) valid to OEN
↑
Tck (Wd+Wa+1.5) - 48
410
ns
13
TvA(WEN)
Address (A21:A0) valid to WEN
↑
Tck (Wd+Wa+1.5) - 42
416
ns
14
TsD (WEN)
Data Set-up time before WEN
↑
Tck*Wd+TckH - 68
140
ns
15
ThWEN(DW)
Data Hold Time after WEN
↑
TckL - 15
26
ns
16
TdALE (WEN)
ALE
↑ to WEN ↑ Delay
Tck (Wd+Wa+1.5) - 34
424
ns
17
TdALE (OEN)
ALE
↑ to OEN ↑ Delay
Tck (Wd+Wa+1.5) - 42
416
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com