| Electronic Components Datasheet Search |
|
AN1636 Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1636 Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 42 page ![]() 39/42 UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS Quartz crystals must be surrounded by ground tracks/plane. The other side of the two layer PCB below the crystal should preferably be covered by the ground plane. Most crystals have a metallic body that should be grounded. The crystal should be placed close to the microcon- troller. Surface mounted crystals are available and can be used. 6. Software considerations Do not toggle digital outputs on the same I/O port as the A/D input being converted. This will introduce switching noise into the analog inputs. Toggling high sink I/Os may introduce high frequency noise in the power supply, this may af- fect the conversion results. 7 HOW POWER SAVING MODES AFFECT THE ADC Wait mode ADC can be used when the microcontroller is in Wait mode. You can take advantage of the re- duced internal noise in the microcontroller to improve ADC conversion results. Halt mode Entering Halt mode will disable the ADC, irrespective of whether the ADON bit is set or not. This is because executing the HALT instruction shuts down the ADC. Exiting from Halt mode requires some stabilization time before ADC conversion should be started. This conversion time is very small. Please refer to the datasheets. Table 3. Summary Table ST7 Modes Oscillator/CPU/Peripheral Status Effect on ADC Oscil- lator CPU MCCSR- OIE Bit MCCSR- SMS Bit ADC Run On On X Reset On Use the ADC as mentioned in da- tasheet. Slow On On X Set On Take care that fADC does not fall below fADC min. Wait On Off X Reset On If ADC has exit-from Wait capa- bility, this mode is recommended. Slow-Wait On Off X Set On If ADC has exit-from Wait capa- bility, this mode is recommended. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |