Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1636 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1636
Description  UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1636 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1636 Datasheet HTML 1Page - STMicroelectronics AN1636 Datasheet HTML 2Page - STMicroelectronics AN1636 Datasheet HTML 3Page - STMicroelectronics AN1636 Datasheet HTML 4Page - STMicroelectronics AN1636 Datasheet HTML 5Page - STMicroelectronics AN1636 Datasheet HTML 6Page - STMicroelectronics AN1636 Datasheet HTML 7Page - STMicroelectronics AN1636 Datasheet HTML 8Page - STMicroelectronics AN1636 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5/42
UNDERSTANDING AND MINIMISING ADC CONVERSION ERRORS
VAREF is the reference voltage used by ADC for conversions. The details are mentioned in
Section 2.5
After this comparison is done, the next significant bit is set (=VAREF/4) and a comparison is
done again with the input voltage. The procedure is followed till all the bit positions are com-
pared.
At the end of all the bit comparisons we get the corresponding digital output for the analog
input.
The successive approximation steps are shown in Table 1. As you can see, the digital output
obtained from the ADC is B2h when the analog input is 3.5V.
Table 1. 8-bit ADC successive approximation steps
Steps
Vin = 3.5v, VAREF= 5V
Digital code
DAC output
Comparator
output
digital output
(for steps)
1
1000 0000
2.5v
1
1000 0000
2
1100 0000
3.76v
0
1000 0000
3
1010 0000
3.13v
1
1010 0000
4
1011 0000
3.45
1
1011 0000
5
1011 1000
3.6
0
1011 0000
6
1011 0100
3.52
0
1011 0000
7
1011 0010
3.49
1
1011 0010
8
1011 0011
3.509
0
1011 0010
Final output = B2h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com