Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1711 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 7Page - STMicroelectronics AN1711 Datasheet HTML 8Page - STMicroelectronics AN1711 Datasheet HTML 9Page - STMicroelectronics AN1711 Datasheet HTML 10Page - STMicroelectronics AN1711 Datasheet HTML 11Page - STMicroelectronics AN1711 Datasheet HTML 12Page - STMicroelectronics AN1711 Datasheet HTML 13Page - STMicroelectronics AN1711 Datasheet HTML 14Page - STMicroelectronics AN1711 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
3. Even when you connect a multimeter to the analog input signal, it may introduce noise if the
probes of the multimeter are not shielded. Hence, they act like antennae. The results vary
by several (6 to 7) LSBs. The average value is always near to the center of the variations.
Figure 4. Illustration of Averaging technique
Comments
1. Averaging is the most popular technique because it requires only a little extra RAM space.
2. The disadvantage is, values affected by noise and the least occurring values (outliers) af-
fect the average.
2.2 AVERAGING BY QUEUE
This technique is Averaging of a LIFO queue (Last-in, first-out). The queue is maintained by
using an array to fill the ADC results. To do this:
– Maintain a variable which contains an index for array.
– After every new conversion, overwrite the converted value at the index and then take the
average and increment the index.
– Once the index reaches the end of array, reset the index to the start of array.
Thus, for every conversion you fill the queue and overwrite the old values with the new values.
This technique is useful when the application cannot wait for the required number of conver-
sions because the conversion time is too long. The time required to calculate the average
should be less than the time required to make the total number of conversions.
This technique can be used for slowly varying ADC signals. for example, battery monitoring.
Maximum
Converted
Value
Minimum
Converted
Value
Average
Value
Difference
(Max - Min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com