Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1711 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 24Page - STMicroelectronics AN1711 Datasheet HTML 25Page - STMicroelectronics AN1711 Datasheet HTML 26Page - STMicroelectronics AN1711 Datasheet HTML 27Page - STMicroelectronics AN1711 Datasheet HTML 28Page - STMicroelectronics AN1711 Datasheet HTML 29Page - STMicroelectronics AN1711 Datasheet HTML 30Page - STMicroelectronics AN1711 Datasheet HTML 31Page - STMicroelectronics AN1711 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
3. The process can be automated using external calibration. A precise analog source can be
used for this purpose. The software must make the communication between the source and
the device under test.
4. Store the lookup table in EEPROM
The lookup table for different values can be stored in the connected E2PROM. This will make
it easy to update the lookup table by calibrating from time to time.
This technique can be used in production. A known and precise analog input voltage source of
is used in the test setup and the different voltages are produced. The communication between
test setup and microcontroller provides the digital code that can be expected. The actual dig-
ital code and expected digital code is then used for making the lookup table.
4.2.4 Linear compensation
Linear compensation can be done using the datasheet values for Offset and Gain errors. The
ideal transfer curve is a straight line from code 0 to 1023 for a 10-bit ADC.
The actual ADC transfer curve is assumed to follow a straight line from first transition (digital
code =1) to last transition (digital code = 1023).
The first transition and last transition error values are known from the datasheet. If the Offset
error is positive and the Gain error is negative then the available range is reduced. In this case
the actual transfer curve will cross the ideal transfer curve.
Figure 18. Offset and Gain error compensation
To do linear compensation, the offset and gain errors can be spread over the full range. It can
be noted from the transfer curve that positive offset errors cause the actual result to be re-
VSSA
1023
Digital
output
(Decimal
steps)
Actual
transfer curve
Ideal
transfer curve
Vin
Reduced
Range
Ideal range
Gain error (negative)
Offset
Error (positive)
Offset error positive
Gain error negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com