Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1711 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1711
Description  SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1711 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1711 Datasheet HTML 10Page - STMicroelectronics AN1711 Datasheet HTML 11Page - STMicroelectronics AN1711 Datasheet HTML 12Page - STMicroelectronics AN1711 Datasheet HTML 13Page - STMicroelectronics AN1711 Datasheet HTML 14Page - STMicroelectronics AN1711 Datasheet HTML 15Page - STMicroelectronics AN1711 Datasheet HTML 16Page - STMicroelectronics AN1711 Datasheet HTML 17Page - STMicroelectronics AN1711 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14/40
SOFTWARE TECHNIQUES FOR COMPENSATING ST7 ADC ERRORS
Figure 7. Histogram technique Flowchart
Practical measurement
You can test this technique using a hardware setup similar to the one shown in Figure 8. The
eliminated value was also captured on HyperTerminal. Only last eliminated value was dis-
played on HyperTerminal.
A Switch connected at a port pin was used to inform the software to send the data on SCI com-
munication. The port pin was configured as input and when, the switch was pressed ‘0’ is read
on this pin, the ADC readings were then sent to the PC using RS232 communication. These
readings were read on the HyperTerminal and noted.
A function generator is used in lab to introduce noise in the neighbouring pin of analog signal
being converted so as to generate the noisy conversions. This neighbouring pin is also config-
ured as floating input.
yes
Initialise ADC, variables, and select analog
no
START
Start ADC
Read the ADC output registers after End of Conversion
Is
?
channel
Store the result in an Array
Array filled
Find the number of occurrences of each digital result
Reject the values occurring less than expected number
Take average
of other values
of times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com