Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1812 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 2Page - STMicroelectronics AN1812 Datasheet HTML 3Page - STMicroelectronics AN1812 Datasheet HTML 4Page - STMicroelectronics AN1812 Datasheet HTML 5Page - STMicroelectronics AN1812 Datasheet HTML 6Page - STMicroelectronics AN1812 Datasheet HTML 7Page - STMicroelectronics AN1812 Datasheet HTML 8Page - STMicroelectronics AN1812 Datasheet HTML 9Page - STMicroelectronics AN1812 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
3 Timing diagram
AN1812
6/34
3
Timing diagram
Figure 3 shows the overall operation of the ADC. Initially the capacitor is in the reset state (M1-
ON and M2- OFF), the op-amp output Vout is at V1 and so, the output of both comparators,
Comp1 and Comp2 is HIGH.
Capacitor charging can be started by switching M1 - OFF and M2 - ON. When the charging
starts, Vout rises. When Vout becomes greater than V2, a falling edge occurs on Comp1. This
causes an input capture at pin PB2 and software reads the timer value T2.
When Vout becomes greater than V3, a falling edge occurs on Comp2. Again this causes an
input capture at pin PB0 and software reads the timer value T3.
The capacitor is discharged by switching M1 - ON and M2- OFF. After this, the ADC can be kept
in reset condition by switching M1 - ON and M2 - OFF or we can continue repeating the same
process and make more measurements.
Figure 3.
Timing diagram
Charging
Time
Discharg.
Time
Settling
Time
V3
Vout
V2
V1
0
Comp1
Comp2
M1
M2
T2
T3
Time (t)
Tm
Tm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com