Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1812 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 8Page - STMicroelectronics AN1812 Datasheet HTML 9Page - STMicroelectronics AN1812 Datasheet HTML 10Page - STMicroelectronics AN1812 Datasheet HTML 11Page - STMicroelectronics AN1812 Datasheet HTML 12Page - STMicroelectronics AN1812 Datasheet HTML 13Page - STMicroelectronics AN1812 Datasheet HTML 14Page - STMicroelectronics AN1812 Datasheet HTML 15Page - STMicroelectronics AN1812 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
7 Error analysis / constraints
AN1812
12/34
7
Error analysis / constraints
This ADC can be used for measuring any slowly varying input (voltage/current), for example
battery monitoring, and for measuring positive and negative input voltages. But besides the
need for accurate power supply and voltage references, the following factors also affect the
accuracy of the conversion.
7.1
Input offset voltage
As mentioned previously, the output offset voltage is subtracted from the input, but the input
offset voltage of the op-amp (Amp) still remains present and is directly added to V1. For
measurement purposes, let’s refer to the input offset voltage of the Op-amp as Koffset.
7.2
Correction factor for the product of R*C
As the value of the R and C changes with time and temperature, the factor R * C will also
change. Let the correction factor be Kgain.
Then eq(5) becomes,
Vin = V1 + Koffset – Kgain* (R * C) *(V3 -V2) / Tm
------------------ (6)
The coefficients Koffset and Kgain can be calculated by measuring Tm for two known input
values. These factors can also be compensated by software calibration techniques (like using
look-up tables or storing some known values). In the present example the first method is used
to calculate these coefficients.
7.3
Value of charging resistance R
If the Charging Resistance R is too high then the current ‘I’ will be comparable to the input
bias current of the Op-amp, which can affect the output. Also if it is too low then the current
flowing through it will be significant so the capacitor will be charged very fast. This will affect the
measurement accuracy of the ADC.
7.4
Charging capacitor C
Up to this point we have assumed that capacitor C discharges completely from the previous
conversion. However, this is not so in actual practice and a few millivolts worth of charge (which
adds to the offset voltage), may remain on the capacitor. This effect is called capacitor dielectric
absorption and varies depending on the capacitor's dielectric material voltage to which it was
charged during the last charge cycle and the amount of time the capacitor has had to
discharge. Also due to this effect, the output of the capacitor may not be linear over the whole
conversion range. So it is very important to choose the right capacitor for your requirements.
While Teflon capacitors exhibit the lowest dielectric absorption, polystyrene and polyethylene
are also excellent. Ceramic, glass and mica are fair, while tantalum and electrolytic types are
poor choices for A/D applications.
Also, as integrating ADC’s are dependent on the integration of the current flowing through
capacitor C, they basically do the averaging. So the larger the value of the capacitor, the longer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com