Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1812 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 16Page - STMicroelectronics AN1812 Datasheet HTML 17Page - STMicroelectronics AN1812 Datasheet HTML 18Page - STMicroelectronics AN1812 Datasheet HTML 19Page - STMicroelectronics AN1812 Datasheet HTML 20Page - STMicroelectronics AN1812 Datasheet HTML 21Page - STMicroelectronics AN1812 Datasheet HTML 22Page - STMicroelectronics AN1812 Datasheet HTML 23Page - STMicroelectronics AN1812 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
11 Result
AN1812
20/34
Figure 15. Error vs input for positive input voltages
Note:
From the readings (Table 1, Figure 15), we can notice that for the positive input between 0 to 1V
the maximum error is around 500 uV for the average of 16 conversions. The difference between
the maximum and minimum values in a loop of 16 is around 500 uV. This shows that averaging
has increased the accuracy. The accuracy without averaging is approx 1mV.
The variations in 16 values can be due to changes in the input voltage itself, as the time taken
for 16 readings is very long (around 16 s).
11.2
Negative input
Similar to the positive input voltages, the readings for negative input voltages are taken in a
loop of 16 as shown in Figure 16.
Figure 16. Results for negative input
Table 2 shows the readings for negative input voltages ranging from 0 to -1V with same
parameter notations.
Table 2.
Results for negative input voltages
Sl no
Vin (Taken from Multi-
meter) (mV)
Vmeasured (mV)
Difference
(Vmeasured - Vin)
(mV)
Error in Max and min
input measured (mV)
1
-9.23
-9.17
0.06
0.43
2
-18.92
-18.84
0.08
0.14
3
-28.96
-29.04
-0.08
0.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com