Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1812 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1812
Description  In general the ADC embedded in the ST7 microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1812 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1812 Datasheet HTML 13Page - STMicroelectronics AN1812 Datasheet HTML 14Page - STMicroelectronics AN1812 Datasheet HTML 15Page - STMicroelectronics AN1812 Datasheet HTML 16Page - STMicroelectronics AN1812 Datasheet HTML 17Page - STMicroelectronics AN1812 Datasheet HTML 18Page - STMicroelectronics AN1812 Datasheet HTML 19Page - STMicroelectronics AN1812 Datasheet HTML 20Page - STMicroelectronics AN1812 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
AN1812
11 Result
17/34
11
Result
The result is given for a capacitor value of 100 uF. So the conversion time is long. We can
reduce the conversion time by choosing a capacitor with a lower value but accuracy will also be
reduced. Other parameters are as follows:
R = 10 K, V1 = 1.5V, V2 = 2V and V3 = 3V
So:
R * C = (10 K) * (100 uF) = 1s
The input range is taken as +1 V to -1 V, where mod (Vref) (= 1V) is less than V1.
The conversion time is in the range 1 to 3s. The settling time (As shown in Figure 3) is kept
fixed at 1s. The ADC is calibrated by reading two known input voltages and then Koffset and
Kgain are calculated. The input voltage Vin is taken from a voltage source.
11.1
Positive input
In Figure 13, an example of the readings measured by the converter, which is sent to Hyper
Terminal, is shown. In this Tavg is the average of 16 conversions, and Vavg is the calculated
value in terms of voltage. The difference of the maximum and minimum value among the 16
values is also shown.
Figure 13. Results for positive input
In Table 1, the readings are shown for positive input voltages ranging from 0 to 1V. Here Vin is
the voltage measured by the multimeter. Vmeasured (equal to Vavg) is the average voltage
measured by the converter in a loop of 16. The last column shows the difference in the
maximum and minimum readings of the values measured by the converter in the loop. This
shows the variations recorded in the readings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com