Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2200 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2200
Description  Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2200 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2200 Datasheet HTML 2Page - STMicroelectronics AN2200 Datasheet HTML 3Page - STMicroelectronics AN2200 Datasheet HTML 4Page - STMicroelectronics AN2200 Datasheet HTML 5Page - STMicroelectronics AN2200 Datasheet HTML 6Page - STMicroelectronics AN2200 Datasheet HTML 7Page - STMicroelectronics AN2200 Datasheet HTML 8Page - STMicroelectronics AN2200 Datasheet HTML 9Page - STMicroelectronics AN2200 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2 Register map
Migrating applications from ST7FLITE1x to ST7FLITE1xB
6/13
2.2
Register content differences
2.2.1
SICSR register
In the SICSR (System Integrity Control/Status Register) three new bits have been added (see
Figure 2).
LOCK32: It is set when PLL 32 MHz reaches its operating frequency
CR[1:0]: RC Oscillator Frequency Adjustment bits: These bits, as well as CR[9:2] in the RCCR
RC oscillator frequency and to obtain an accuracy of 1%. 10 bits are used for calibration of
Internal RC when compared to 8 bits in ST7FLITE1x.
Figure 2.
SICSR Register
2.2.2
PWMxCSR Register
In the PWMxCSR (PWMx Control Status Register) two new bits have been added (see Figure
3) corresponding to the One Pulse mode of the Auto reload Timer.
Figure 3.
PWMxCSR Register
2.2.3
BREAKCR Register
In the BREAKCR (Break Control Register) two new bits have been added (see Figure 4) related
to Break Input Select (External break pin or the output of the comparator) and Break Input Edge
selection.
Figure 4.
BREAKCR Register
ST7FLITE1x
ST7FLITE1xB
ST7FLITE1x
ST7FLITE1xB
ST7FLITE1x
ST7FLITE1xB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com