Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2200
Description  Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2200 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2200 Datasheet HTML 1Page - STMicroelectronics AN2200 Datasheet HTML 2Page - STMicroelectronics AN2200 Datasheet HTML 3Page - STMicroelectronics AN2200 Datasheet HTML 4Page - STMicroelectronics AN2200 Datasheet HTML 5Page - STMicroelectronics AN2200 Datasheet HTML 6Page - STMicroelectronics AN2200 Datasheet HTML 7Page - STMicroelectronics AN2200 Datasheet HTML 8Page - STMicroelectronics AN2200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 1
July 2005
1/13
13
AN2200
APPLICATION NOTE
Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
Introduction
This
application
note
provides
information
on
migrating
ST7FLITE1x-based
applications
to
ST7FLITE1xB.
Table 1.
Feature comparison
ST7FLITE1x
ST7FLITE1xB
Package
SO20 300
SO20 300"/ DIP20/ SO16 300" /DIP16
Device Name
ST7LITE10
ST7LITE15
ST7LITE19
ST7LITE10B
ST7LITE15B
ST7LITE19B
Program Memory
4K (No change)
Operating Supply
2.4V to 5.5V
2.7V to 5.5V
Operating Temperature
-40°C to 85°C (No change)
RAM (stack) - bytes
256 (128) (No change)
Data EEPROM - bytes
128 (No change)
I/Os
15, PA7:0, PB6:0
17, PA7:0, PB6:0, PC1:0
Interrupt
10
12
Power saving modes
Slow, Wait, Active Halt, AWUFH, Halt (No change)
Clock Source
1% Internal RC, PLLx4/8, External clock source, Crystal, Resonator oscillator,
Lite Timer
Yes (no change)
Watchdog Timer
Yes (no change)
12-bit Autoreload Timer
with 32 MHz input clock
Yes
Yes with two counters, one pulse mode,
dead time
SPI
Yes (no change)
10-bit ADC with Op-Amp
Yes (no change)
Analog Comparator
No
Yes
Emulator
ST7MDT10-EMU3 (No change)
ST7 DVP3 Series
ST7MDT10-DVP3(No change)
Programming tools (EPB)
ST7MDT10-EPB
ST7MDT10-EPB (only for SO20
package)
Programming tools
(Socket Board)
ST7SB10-123/EU
ST7SB10-123/US
ST7SB10-123/UK
(to be used along with STICK)
ICD Tool
INDART kit (Softec) and Reva kit
(Raisonance)
Reva kit (Raisonance)
www.st.com


Similar Part No. - AN2200

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
AN2200 SEOUL-AN2200 Datasheet
530Kb / 16P
Acriche series
AN2200 SEOUL-AN2200 Datasheet
639Kb / 20P
Acriche series
More results

Similar Description - AN2200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1365 STMICROELECTRONICS-AN1365 Datasheet
137Kb / 13P
GUIDELINES FOR MIGRATING ST72C254 APPLICATIONS TO ST72F264
Rev. 2.0
AN2197 STMICROELECTRONICS-AN2197 Datasheet
92Kb / 13P
Guidelines for migrating
04-Oct-2005
AN2523 STMICROELECTRONICS-AN2523 Datasheet
216Kb / 23P
Migrating from STR91xF to STR91xFA
07-May-2007
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
Migration and compatibility guidelines for STM8S microcontroller applications
06-Mar-2009
AN2869 STMICROELECTRONICS-AN2869 Datasheet
982Kb / 43P
Guidelines for designing touch sensing applications
09-May-2012
AN3139 STMICROELECTRONICS-AN3139 Datasheet
806Kb / 63P
Migration and compatibility guidelines for STM8L microcontroller applications
08-Sep-2011
AN3317 STMICROELECTRONICS-AN3317 Datasheet
257Kb / 22P
PCB guidelines for SPEAr1340
06-Apr-2012
AN3364 STMICROELECTRONICS-AN3364 Datasheet
133Kb / 17P
Migration and compatibility guidelines for STM32 microcontroller applications
30-May-2012
AN4312 STMICROELECTRONICS-AN4312 Datasheet
978Kb / 36P
Guidelines for designing touch sensing applications with surface sensors
30-Sep-2013
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
27-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com