Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2200 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2200
Description  Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2200 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2200 Datasheet HTML 5Page - STMicroelectronics AN2200 Datasheet HTML 6Page - STMicroelectronics AN2200 Datasheet HTML 7Page - STMicroelectronics AN2200 Datasheet HTML 8Page - STMicroelectronics AN2200 Datasheet HTML 9Page - STMicroelectronics AN2200 Datasheet HTML 10Page - STMicroelectronics AN2200 Datasheet HTML 11Page - STMicroelectronics AN2200 Datasheet HTML 12Page - STMicroelectronics AN2200 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Migrating applications from ST7FLITE1x to ST7FLITE1xB
4 Electrical characteristics
11/13
Table 5.
Supply current - typical values @ VDD = 5.5V
Symbol
Parameter
Conditions
ST7Lite1x
ST7FLite1xB
Unit
IDD
Supply current in
RUN mode
fCPU = 8MHz
7.50
5.7
mA
Supply current in
WAIT mode
fCPU = 8MHz
3.70
2.2
mA
Supply current in
SLOW mode
fCPU = 8MHz
1.60
0.7
mA
Supply current in
SLOW-WAIT mode
fCPU = 8MHz
1.60
0.5
mA
Supply current in
HALT mode
-40°C°‹TA°‹+85°C
1.0
1.0
µA
IDD
Supply current in
AWUFH mode
TA= +25°C
20
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com