Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2200 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2200
Description  Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2200 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2200 Datasheet HTML 4Page - STMicroelectronics AN2200 Datasheet HTML 5Page - STMicroelectronics AN2200 Datasheet HTML 6Page - STMicroelectronics AN2200 Datasheet HTML 7Page - STMicroelectronics AN2200 Datasheet HTML 8Page - STMicroelectronics AN2200 Datasheet HTML 9Page - STMicroelectronics AN2200 Datasheet HTML 10Page - STMicroelectronics AN2200 Datasheet HTML 11Page - STMicroelectronics AN2200 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3 New features in ST7FLITE1xB
Migrating applications from ST7FLITE1x to ST7FLITE1xB
8/13
3
New features in ST7FLITE1xB
3.1
Clock management
Some changes have been made in the clock management. They are as follows:
1.
It is possible to also run at 4MHz with RC and PLL from 2.7V to 5.5V. An additional
PLLTST register is available in ST7FLITE1xB containing the PLLDIV2 bit which allows you
to divide the PLL output clock by 2. Hence, x4 PLL (x4PLL from 2.7V to 3.3V and x8PLL /
2 from 3.3V to 5.5V) is effectively available for the entire operating voltage range of the
device (2.7V to 5.5V).
2.
Ceramic Oscillator has a self-controlled gain feature, an oscillator of any frequency from 1
to 16 MHz can be connected to the OSC1 and OSC2 pins. For the ST7FLITE1xB through
the option bytes External Oscillator is enabled but the frequency range need not be
selected. For STFLITE1x the frequency range of the oscillator should also be selected.
Refer to section 7 for details.
3.
The Internal RC of ST7LITE1x has to be calibrated by writing a 8-bit calibration value in
the RCCR (RC Control Register). In contrast, the Internal RC of ST7LITE1xB must be
calibrated by writing a 10-bit calibration value in the RCCR (RC Control Register) and in
bits 6:5 in the SICSR (SI Control Status Register).
4.
The predefined calibration values for ST7LITE1x: RCCR0 @ 5V and RCCR1 @ 3V are
stored at locations FFDEh and FFDFh for ST7LITE1x.
The predefined calibration values for ST7LITE1xB: RCCRH0 & RCCRL0 @ 5V and
RCCRH1 & RCCRL1 @ 3.3V are stored at locations DEE0h, DEE1h, DEE2h and DEE3h.
5.
The predefined calibration value for ST7LITE1x: RCCR1 @ 3V is used for obtaining an
Internal RC frequency of 700KHz. The value for ST7LITE1xB, RCCRH1 & RCCRL1 @
3.3V is used for obtaining an internal RC frequency of 1MHz.
3.2
12-bit autoreload timer
The 12-bit Auto-Reload Timer has been modified to provide more features like Dual counters,
Long Input Capture, Internal Break Control, Dead Time generation, One Pulse mode and
Forced Update. All the other features of the timer do not change.
3.2.1
Dual counters
Apart from Single Timer mode, Dual Timer mode is available with two 12-bit upcounters and
two 12-bit autoreload registers.
3.2.2
Break function
Some additions in this feature are
●
Break function can be activated through an Internal Comparator output
●
Break active level can be programmed instead of just low level in ST7FLITE1x
●
When the break function is active, the break pattern is forced on the PWMx outputs if OEx
is set whereas in ST7FLITE1x the active break pattern is forced on the PWMx outputs
irrespective of whether OEx bit is set or reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com