Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6466GS Datasheet(PDF) 52 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 52 Page - NEC

Back Button UPD6466GS Datasheet HTML 48Page - NEC UPD6466GS Datasheet HTML 49Page - NEC UPD6466GS Datasheet HTML 50Page - NEC UPD6466GS Datasheet HTML 51Page - NEC UPD6466GS Datasheet HTML 52Page - NEC UPD6466GS Datasheet HTML 53Page - NEC UPD6466GS Datasheet HTML 54Page - NEC UPD6466GS Datasheet HTML 55Page - NEC UPD6466GS Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
52
µPD6466
5. CHARACTER PATTERNS
The
µPD6466 can display 512 character patterns, including alphanumeric characters, Kanji characters, and
symbols, which are stored in the character generator ROM. Each pattern in the character generator ROM can be
modified by specifying a mask code option. However, the Display Off Data at character address FEH and 2-byte
continuous command end code at FFH cannot be modified because they are fixed in both high-order (1) and low-order
(0) banks. Therefore, no character pattern can be input at these addresses.
When none of the 12
× 18 dots are filled for a character pattern at addresses 000H to 0FDH and 100H to 1FDH,
the character pattern is called Blank Data. Character address FEH in both banks is called Display Off Data. Blank
Data and Display Off Data are represented in the same way (with no dots filled) in character patterns (of the
µPD6466GS-001) shown on the following pages, but they are different as follows:
Character Code
Display of Character Area in Each Background Mode
No background
Minimum background
Overall background
Blank Data
Displays image
Displays background
Displays background
Display Off Data
Displays image
Displays image only
Displays image only
(without background)
(without background)
You cannot specify Display Off Data for addresses other than FEH when using a mask code option. Blank Data,
however, can be specified at any address from 000H to 0FDH or 100H to 1FDH (address 0FFH and 1FFH cannot
be used because they are fixed to the 2-byte continuous command end code).
The character patterns of the
µPD6466GS-001/GT-201 (NEC’s standard model) are shown on the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com