Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6466GS Datasheet(PDF) 67 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 67 Page - NEC

Back Button UPD6466GS Datasheet HTML 62Page - NEC UPD6466GS Datasheet HTML 63Page - NEC UPD6466GS Datasheet HTML 64Page - NEC UPD6466GS Datasheet HTML 65Page - NEC UPD6466GS Datasheet HTML 66Page - NEC UPD6466GS Datasheet HTML 67Page - NEC UPD6466GS Datasheet HTML 68Page - NEC UPD6466GS Datasheet HTML 69Page - NEC UPD6466GS Datasheet HTML 70Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
67
µPD6466
24 PIN PLASTIC SOP (375 mil)
NOTE
1. Controlling dimention
ITEM
MILLIMETERS
INCHES
E
F
2.9 MAX.
0.125±0.075
0.005±0.003
0.115 MAX.
B
C
1.27 (T.P.)
0.87 MAX.
0.035 MAX.
0.050 (T.P.)
G
2.50±0.2
0.098
detail of lead end
B
K
L
P
G
E
F
A
15.3
0.602
+0.41
–0.2
+0.017
–0.008
D
0.42
0.017
+0.08
–0.07
H
10.3±0.2
0.406
I
7.2±0.2
0.283
J
1.6±0.2
0.063±0.008
K
0.17
0.007
+0.08
–0.07
L
0.8±0.2
0.031
M
N
0.10
0.12
0.005
0.004
P3
°
3
°
+7
°
–3
°
P24GT-50-375B-2
+7
°
–3
°
+0.009
–0.008
+0.003
–0.004
+0.009
–0.008
+0.008
–0.009
+0.009
–0.008
+0.003
–0.004
M
C
M
J
D
2. Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
millimeter.
24
13
112
S
S
A
N
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com