Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6466GS Datasheet(PDF) 22 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 22 Page - NEC

Back Button UPD6466GS Datasheet HTML 18Page - NEC UPD6466GS Datasheet HTML 19Page - NEC UPD6466GS Datasheet HTML 20Page - NEC UPD6466GS Datasheet HTML 21Page - NEC UPD6466GS Datasheet HTML 22Page - NEC UPD6466GS Datasheet HTML 23Page - NEC UPD6466GS Datasheet HTML 24Page - NEC UPD6466GS Datasheet HTML 25Page - NEC UPD6466GS Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
22
µPD6466
3. DETAILS OF COMMANDS
3.1 Video RAM Batch Clear Command
This command can be used to clear the video RAM with a single command (regardless of whether the MSB or LSB
comes first)
(MSB)
(LSB)
D7
D6
D5
D4
D3
D2
D1
D0
00000000
The following contents are set by the video RAM batch clear command.
•
Clears all the character data (Display Off Data (FEH)) of the video RAM (12 rows, 24 columns). No data blinks.
•
Video RAM write address: (Row 0, column 0)
•
Standard size for all rows as character size (SV1, SV0, SH1, SH0) = (0, 0, 0, 0)
•
All rows specified for output pin selection (OD1, OD0) = (0, 0)
•
Display OFF, LC oscillation ON, blinking OFF
The time required for clearing the video RAM can be calculated by the following expression. Do not input any
command during this time.
t (Time required for video RAM clearing) = Video RAM clear time
= 10 (
µs) + 12/fOSC (MHz) × 288
fOSC (MHz): LC oscillation frequency or external input clock frequency
To clear the video RAM, the dot clock (OSCIN pin) must be input. Be sure to input the clock when the input of an
external clock is selected.
Remark
This command resets the hardware of the IC by inputting a signal to the PCL pin. While initializing the
IC including clearing the video RAM and the test mode, the video RAM batch clear command executes
software reset to initialize the IC, and does not clear the test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com