Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6466GS Datasheet(PDF) 20 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 20 Page - NEC

Back Button UPD6466GS Datasheet HTML 16Page - NEC UPD6466GS Datasheet HTML 17Page - NEC UPD6466GS Datasheet HTML 18Page - NEC UPD6466GS Datasheet HTML 19Page - NEC UPD6466GS Datasheet HTML 20Page - NEC UPD6466GS Datasheet HTML 21Page - NEC UPD6466GS Datasheet HTML 22Page - NEC UPD6466GS Datasheet HTML 23Page - NEC UPD6466GS Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
20
µPD6466
(2) LSB first
1-byte commands
(LSB)
Function
D0
D1
D2
D3
D4
D5
D6
D7
Video RAM batch clear
00000000
Display control
BL0
BL1
LC
DO
1000
Background color/frame color control
BFC
B
G
R
0100
3-channel independent display ON/OFF
DOC
DOB
DOA
01110
Character color reverse ON/OFF
BCRE
0011100
Blue back ON/OFF
BB
0
CLR
11110
Character address bank select
BC
1111110
Output switch control
SW1
SW2
SW4
S3B
S3A
0
1
0
2-byte commands
(LSB)
Function
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
Character display position control
V3
V4
000001
H0
H1
H2
H3
H4
V0
V1
V2
Write address control
AR3
0010001
AC0 AC1 AC2 AC3 AC4 AR0 AR1 AR2
Output pin control
00111001
AR0 AR1 AR2 AR3
00
OD0 OD1
Character size control
SV0 SV1
011001
AR0 AR1 AR2 AR3
00
SH0 SH1
3-channel background control
BA1
1001101
BFC BC0 BC1 BFB BB0 BB1 BFA BA0
Initial status setting
00101101
OSC VST COC OP0 OP1 RS
BR
0
Test modeNote
00001101
T0
T1
T2
T3
T4
T5
T6
T7
Note
Must not be used.
2-byte successive command
(LSB)
Function
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
Display character control
VC2
BL
B
G
R
RV
1
1
C0C1C2C3C4C5C6C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com