Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2288 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 2Page - STMicroelectronics AN2288 Datasheet HTML 3Page - STMicroelectronics AN2288 Datasheet HTML 4Page - STMicroelectronics AN2288 Datasheet HTML 5Page - STMicroelectronics AN2288 Datasheet HTML 6Page - STMicroelectronics AN2288 Datasheet HTML 7Page - STMicroelectronics AN2288 Datasheet HTML 8Page - STMicroelectronics AN2288 Datasheet HTML 9Page - STMicroelectronics AN2288 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Theory
AN2288
6/29
3
Theory
The main objective of this application note is to demonstrate that a low cost energy meter
can be implemented without use of an external dedicated device (ASSP). Only a single 10-
bit SAR ADC is used to perform voltage and current measurements. The ADC on
ST7FLITE20 device accepts input from 0 to Vdd. Since the Vdd is +5V, the operable range
of the ADC is 0 to +5V. Since the ADC is operable in the positive range only, the AC input
signals of voltage and current have to shifted up and centered around +2.5V. This is
achieved by biasing one end of the secondaries of current transformers and one end of
potential divider with +2.5V. The input waveform of current and voltage to ADC is shown in
figure1.
Figure 1.
AC input signals to ADC
Four ADC input channels are used, three for current and one for voltage measurement. One
of the current channels is multiplexed with two current gain factors x128 and x512. The
sampling rate for each channel is 5kHz. This higher rate of sampling is there to reduce the
quantization noise. The active energy consumed is calculated based on instantaneous value
of power. The sampling rate is 5kHz, so, with a 50Hz sinewave the number of samples per
cycle is 100. The sampling time is 200µs. After every 200µs, one current and voltage sample
is taken and multiplied to get an instantaneous power sample. The discrete summation of
these power samples over time gives the active energy.
When the phase difference between voltage and current is 0, the active power will be at the
maximum which is equal to total power, and the reactive power will be 0.
If v(t) = Vsin(
ωt) and i(t) = Isin(ωt - φ), the instantaneous power:
After averaging, we get cos(2
ωt - φ)=0 for a cycle of sinewave. So, the theoretical average
power (P) is VIcos(
φ)/2. If ik and vk are respectively the instantaneous values of the current
and the voltage, the discrete formula of average power with regular, simultaneous, voltage
and current samples is:
Vdd
Vdd/2
V
t
Voltage Waveform
Current Waveform
Pt
()
vt
() it
()
×
=
VI 2
⁄
()
φ
()
cos
2
ωt φ
–
()
cos
–
()
=
P
d
1N
⁄
()
vk
ik
×
K=0
N-1
∑
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com