Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2288 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 8Page - STMicroelectronics AN2288 Datasheet HTML 9Page - STMicroelectronics AN2288 Datasheet HTML 10Page - STMicroelectronics AN2288 Datasheet HTML 11Page - STMicroelectronics AN2288 Datasheet HTML 12Page - STMicroelectronics AN2288 Datasheet HTML 13Page - STMicroelectronics AN2288 Datasheet HTML 14Page - STMicroelectronics AN2288 Datasheet HTML 15Page - STMicroelectronics AN2288 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Meter hardware
AN2288
12/29
4.1.5
Tamper detection block
Two analog switches and one control pin with one fast switching transistor is used to detect
tampering.
Figure 8.
Tamper detection circuit
4.1.6
Gain switching block
Gain multipliers are used to get the large load range with Ib=10A and Imax=55A. In this
application, there are four gain multipliers x2, x8, x32 and x128. A particular gain factor is
actively used by the microcontroller, depending on the signal strength. For the lowest signal
strength x128 gain factor is used. The operational amplifiers are used in non-inverting
mode.
The exact gain factors are:
When the voltage after x2 multiplier decreases below ~2.03Vp-p/4(=~0.508V), the gain
factor will change to x8 or when the voltage after x8 multiplier increases after ~2.03V, the
gain factor will change to x2. There is some hysteresis also implemented for this. So, when
upper half of sinewave after x2 decreases below ~0.508V/2 (= ~0.254V), the active gain
analog switches
Voltage out from phase CT
Voltage out from Neutral CT
5V
Control signal from MCU
To gain multiplier
Gain
1
R
F
R
1
-------
+
⎝⎠
⎛⎞
=
where RF is negative feedback resistance
R1 is resistance at inverting terminal of Op-amp
x2
1
470E
470E
--------------
+
⎝⎠
⎛⎞
2
==
x8
1
1.5K
220E
--------------
+
⎝⎠
⎛⎞
7.818
==
x32
1
16K 51K
||
390E
---------------------------
+
⎝⎠
⎛⎞
32.23
==
x128
1
51K
390E
--------------
+
⎝⎠
⎛⎞
131.77
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com