Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2288 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 7Page - STMicroelectronics AN2288 Datasheet HTML 8Page - STMicroelectronics AN2288 Datasheet HTML 9Page - STMicroelectronics AN2288 Datasheet HTML 10Page - STMicroelectronics AN2288 Datasheet HTML 11Page - STMicroelectronics AN2288 Datasheet HTML 12Page - STMicroelectronics AN2288 Datasheet HTML 13Page - STMicroelectronics AN2288 Datasheet HTML 14Page - STMicroelectronics AN2288 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN2288
Meter hardware
11/29
Figure 6.
2.5V reference circuit
4.1.3
Current transformer block
The current transformer used has a turn ratio of 1:5000 and ~350 Ohm resistance, the shunt
resistance used is 36 Ohms (refer fig. 2), so, the effective resistance will be:
After multiplication of secondary current with Rshunt, the voltage Vshunt for max current will
be:
Vshunt is multiplied with gain stage to give actual value to input to microcontroller ADC. The
minimum multiplication factor is x2. The MAX current is chosen such that the operational
amplifier should not saturate. So, with x2 the max value of VAIN is:
The peak to peak voltage is 2.03V. There is safe margin of ~0.47V for a gain factor of x2.
4.1.4
Voltage divider block
The voltage is reduced using a potentiometer and referenced at 3.75V.
Figure 7.
Voltage divider circuit
5V
3.75V - R5*I2
I2
I1
I1+I2
R5
R6
+
-
3.75Vref
3.75V
R
shunt
350
36
×
350
36
+
-----------------------
32.64E
==
V
shunt
55A
5000
-------------
R
shunt
×
359mV
==
V
AIN MAX
()
359mV
2
×
2
×
1.015V
==
2.5V
Neutral line
Phase
R28
R30
R26
R29
R31
C12
Analog input to ADC
C20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com