Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2288 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2288
Description  Single-phase energy meter with tamper detection based on ST7FLITE2x
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2288 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2288 Datasheet HTML 20Page - STMicroelectronics AN2288 Datasheet HTML 21Page - STMicroelectronics AN2288 Datasheet HTML 22Page - STMicroelectronics AN2288 Datasheet HTML 23Page - STMicroelectronics AN2288 Datasheet HTML 24Page - STMicroelectronics AN2288 Datasheet HTML 25Page - STMicroelectronics AN2288 Datasheet HTML 26Page - STMicroelectronics AN2288 Datasheet HTML 27Page - STMicroelectronics AN2288 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Results
AN2288
24/29
6
Results
This section shows the results obtained for the reference design. These results were
obtained at a test house using recognized MTE test equipment. There are three types of
tests performed:
1.
Load tests: Voltage and frequency of AC Source is constant, but the load current
varies. These tests are performed for resistive load (unity power factor), 0.5Lag and
0.8Lead.
2.
Voltage tests: Frequency of AC source and load current (basic current) is constant, but
the voltage is changed from minimum (140V) to maximum (280V). This test is
performed at UPF, 0.5Lag, 0.8Lag and at 0.8Lead.
3.
Frequency tests: Voltage and load current (basic current) is constant, but the
frequency of AC Source is changed from 48Hz to 52Hz. This test is performed at UPF,
0.5Lag, 0.8Lag and at 0.8Lead.
6.1
Load tests
The voltage is 234.5V and the frequency of AC source is 50Hz. Below is the table for the
accuracy Vs. load current.
The % error is within the +-1% error for the range 0.05 Ib < I < 5.5Ib, as required for a class1
meter. Here Imax is 5.5In. The startup current is ~11mA, which is ~0.02% of Imax.
Table 1.
Load current Vs% error
Load current Vs% Error
Load Current [A]
UPF (%Error)
0.5 LAG (%Error)
0.8 LEAD (%Error)
53 (5.3Ib)
-0.71
-0.58
-0.68
50 (5Ib)
-0.34
0.08
-0.55
14 (1.4Ib)
-0.22
0.06
-0.54
13 (1.3Ib)
-0.14
0.09
-0.42
4 (0.4Ib)
-0.11
0.11
-0.41
3 (0.3Ib)
-0.04
0.23
-0.28
1 (0.1Ib)
-0.24
0.54
-0.35
0.8 (0.08Ib)
-0.09
0.62
-0.19
0.5 (0.05Ib)
-0.11
-0.74
0.4
0.2 (0.02Ib)
0.19
-0.39
0.79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com