Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2339 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2339
Description  STR91x hardware development getting started
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2339 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2339 Datasheet HTML 3Page - STMicroelectronics AN2339 Datasheet HTML 4Page - STMicroelectronics AN2339 Datasheet HTML 5Page - STMicroelectronics AN2339 Datasheet HTML 6Page - STMicroelectronics AN2339 Datasheet HTML 7Page - STMicroelectronics AN2339 Datasheet HTML 8Page - STMicroelectronics AN2339 Datasheet HTML 9Page - STMicroelectronics AN2339 Datasheet HTML 10Page - STMicroelectronics AN2339 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN2339
Clock management
7/20
3
Clock management
The STR91x offers a flexible way for selecting the core and peripheral clocks, the devices
have up to four external clock source inputs: Main Oscillator, RTC, USB Clock and TIM
clocks. It also provides one output clock.
Figure 3.
Clock Management
3.1
Main oscillator
The source for the main oscillator input is a 4 to 25 MHz external crystals connected to
STR91xF pins X1_CPU and X2_CPU or an external oscillator device connected to pin
X1_CPU, in this case the X2_CPU pin can be left open and not used.
The recommended circuitry for a crystal is shown below. C1, C2 and R1 values depend
greatly on the crystal type and manufacturer. You should ask your crystal supplier for the
best values for these components.
MII_PHYCLK
25MHz
PHYSEL
X1_CPU
X2_CPU
X1_RTC
X2_RTC
EXTCLK_T0T1
USB_CLK48M
4-25MHz
48MHz
Main
OSC
RTC
OSC
16-bit prescaler
fOSC
PLL
32.768kHz
fRTC
TIM01CLK
fPLL
fMSTR
Master CLK
1/2
1/2
BRCLK
To UART
USBCLK
To USB
To TIM0 & TIM1
EXTCLK_T2T3
16-bit prescaler
TIM23CLK
To TIM2 & TIM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com