Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2339 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2339
Description  STR91x hardware development getting started
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2339 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2339 Datasheet HTML 1Page - STMicroelectronics AN2339 Datasheet HTML 2Page - STMicroelectronics AN2339 Datasheet HTML 3Page - STMicroelectronics AN2339 Datasheet HTML 4Page - STMicroelectronics AN2339 Datasheet HTML 5Page - STMicroelectronics AN2339 Datasheet HTML 6Page - STMicroelectronics AN2339 Datasheet HTML 7Page - STMicroelectronics AN2339 Datasheet HTML 8Page - STMicroelectronics AN2339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN2339
Power supply
5/20
2
Power supply
Figure 1.
Power Supply Overview
2.1
Main operating voltages
The STR91x devices are processed in 0.18 µm technology, ARM966E-S RISC core and I/O
peripherals need different power supplies. In fact, STR91x requires two separate operating
voltage supplies. The CPU and memories operate in a range from 1.65V to 2.0V on the
VDD pins, and the I/O ring operates in the 2.7V to 3.3V or 3.0V to 3.6V range on the VDDQ
pins.
All pins need to be properly connected to the power supplies. These connections, including
pads, tracks and vias should have an impedance as low as possible. This is typically
achieved with thick track widths and preferably dedicated power supply planes in multi-layer
PCBs.
In addition, each VDD/VSS and VDDQ/VSSQ pair should be decoupled with ceramic
capacitors which need to be placed as close as possible to the appropriate pins or below the
pins on the contrary side of the PCB. Typical values are 10nF to 100nF, but exact values
depend on the application needs. The following figure shows the typical layout on such a
VDD/VSS pair.
A/D converter
AVDD
VDDQ
VDD
AVSS
Core
(3V or 3.3V)
SRAM
AVREF
RTC
VBATT
VSSQ
I/O Ring
VSS
(1.8V)
Note 1
(from 1V
(VDDQ)
(VDDQ)
up to VDDQ)
VDD
Core
SRAM
RTC
VBATT
VSS
(1.8V)
Note 1
(VDDQ)
A/D converter
AVREF_AVDD
VDDQ
AVSS_VSSQ
(3V or 3.3V)
VSSQ
I/O Ring
(VDDQ)
128-pin devices
80-pin devices
Note1: You can connect power to the SRAM with VBATT by firmware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com