Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2339 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2339
Description  STR91x hardware development getting started
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2339 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2339 Datasheet HTML 5Page - STMicroelectronics AN2339 Datasheet HTML 6Page - STMicroelectronics AN2339 Datasheet HTML 7Page - STMicroelectronics AN2339 Datasheet HTML 8Page - STMicroelectronics AN2339 Datasheet HTML 9Page - STMicroelectronics AN2339 Datasheet HTML 10Page - STMicroelectronics AN2339 Datasheet HTML 11Page - STMicroelectronics AN2339 Datasheet HTML 12Page - STMicroelectronics AN2339 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN2339
Clock management
9/20
Figure 5.
32.768 kHz oscillator
3.3
USB clock
STR91x contains a USB 2.0 Full Speed device module interface that operates at a precise
frequency of 48 MHz. This clock is usually provided by an external oscillator connected to
the USB clock pin USB_CLK48M. However, to save board space and cost, the 48 MHz USB
clock can also be generated by the internal PLL using one single external oscillator for both
system and USB module.
Note:
Care is required when programming the PLL multiplier and divider factors, not to exceed the
maximum allowed operating frequency (96 MHz). At power up, the CPU defaults to run the
oscillator clock, as the PLL is not ready (locked). The LOCK bit is set when the PLL clock
has stabilized.
3.4
TIM clock
Like the USB interface, TIM0/TIM1 and TIM2/TIM3 can receive an external clock on pin
EXTCLK_T0T1 and EXTCLK_T2T3 respectively.
3.5
Output clock
The STR91xF devices can optionally output a 25 MHz clock to the external Ethernet PHY
interface device via output pin MII_PHYCLK, in this case, the STR91xF must use a 25 MHz
signal on its main oscillator input. The advantage here is that an inexpensive 25 MHz crystal
may be used to source a clock to both STR91xF and the external PHY device. Alternatively
an external 25 MHz oscillator can be connected directly to the external PHY interface
device. In this case the STR91xF can use a crystal at a frequency other than 25 MHz.
X1_RTC
STR91xF
X2_RTC
For more details concerning capacitance, refer to the crystal manufacturer datasheet.
VCC1
VCC1 can be:
VDDQ: if you don’t want to preserve tamper function when VDD and VDDQare switched off
VBATT: if you want to preserve tamper function when VDD and VDDQ are switched off.
TAMPER_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com