Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2419 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2419
Description  STR75x hardware development getting started
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2419 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2419 Datasheet HTML 3Page - STMicroelectronics AN2419 Datasheet HTML 4Page - STMicroelectronics AN2419 Datasheet HTML 5Page - STMicroelectronics AN2419 Datasheet HTML 6Page - STMicroelectronics AN2419 Datasheet HTML 7Page - STMicroelectronics AN2419 Datasheet HTML 8Page - STMicroelectronics AN2419 Datasheet HTML 9Page - STMicroelectronics AN2419 Datasheet HTML 10Page - STMicroelectronics AN2419 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN2419
Power supplies
7/22
1.2.4
Power scheme 4: dual external 5.0V and 1.8V power sources
In this configuration, the internal voltage regulators are switched off, by forcing the
VREG_DIS pin to high level. This scheme has the advantage of saving power consumption
when the 1.8V power supply is already available in the application and providing 5V I/O
capability. V18 and V18_BKP are provided externally through the V18REG, V18 and V18_BKP
power pins.
●
VREG_DIS pin is tied to high level which disables the Main Voltage Regulator and the
Low Power Voltage Regulator.
●
All digital power pins (V18REG, V18 and V18_BKP) must be externally shorted to the
same 1.8V power supply source.
In this scheme:
●
STANDBY Mode is not available
●
USB functionality is not available
Figure 4.
Power supply scheme 4 (5.0V and 1.8V supplies, VREGDIS=1)
1.3
Reset and power startup
1.3.1
Power startup specifications
To ensure the MCU starts-up cleanly, the rise time of the VDD_IO power supply must be
comprised between 20µs/V and 20ms/V.
In addition, you must provide an external RESET for at least 20µs after the VDD_IO power
supply has reached its minimum working value (3.0V). It is recommended to use an external
Power-On-Reset circuit monitoring VDD_IO to assert the RESET at power-up .
During VDD_IO power-up (from 0V to 3.3V or 5.0V), all I/Os are guaranteed to be in HiZ
state, assuming external RESET is asserted.
If you are using an external 1.8V power supply, the rise time of power supply V18 must be
comprised between 20µs/V and 20ms/V.
V18_BKP
VDD_ADC
VSS_ADC
VSS_PLL
VSS_IO
VDD_IO
V18REG
VDD_PLL
VSS18
VSS_BKP
VREG_DIS
V18
VSS18
STR750
+5.0V
+5.0V
+5.0V
+1.8V
+1.8V
+1.8V
+5.0V
NOTE : THE EXTERNAL 5.0V POWER SUPPLY MUST ALWAYS BE KEPT ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com