Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2419 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2419
Description  STR75x hardware development getting started
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2419 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2419 Datasheet HTML 1Page - STMicroelectronics AN2419 Datasheet HTML 2Page - STMicroelectronics AN2419 Datasheet HTML 3Page - STMicroelectronics AN2419 Datasheet HTML 4Page - STMicroelectronics AN2419 Datasheet HTML 5Page - STMicroelectronics AN2419 Datasheet HTML 6Page - STMicroelectronics AN2419 Datasheet HTML 7Page - STMicroelectronics AN2419 Datasheet HTML 8Page - STMicroelectronics AN2419 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Power supplies
AN2419
4/22
1
Power supplies
1.1
Introduction
The device has five power pins:
●
VDD_IO: power supply for I/Os (3.3V ±0.3V or 5V ±0.5V). Must be kept on, even in
STANDBY mode.
●
V18 (pins V18REG and V18 which are internally shorted): Power Supply for Digital,
SRAM and Flash: 1.8V ± 0.15V.
●
V18_BKP: Backup Power Supply for STANDBY or STOP Mode
Two embedded regulators are available to supply the internal 1.8V digital power:
V18 and V18_BKP are normally generated internally by these regulators.
The Main Voltage Regulator (MVREG) supplies V18 and V18_BKP. It delivers a power supply
of 1.8V ± 0.15V.
The Low Power Voltage Regulator (LPVREG) can supply V18_BKP or V18 in STOP or
STANDBY mode. It delivers a power supply of around 1.4V.
Two sensitive analog blocks have dedicated power pins:
●
VDDA_PLL: Analog Power supply for PLL (must have the same voltage level as VDD_IO)
●
VDDA_ADC: Analog Power supply for ADC (must have the same voltage level as VDD_IO)
1.2
Power supply schemes
The device can be connected in any of the following configurations depending on your
application requirements:
●
Power Scheme 1: Single external 3.3V power source
●
Power Scheme 2: Dual external 3.3V and 1.8V power sources
●
Power Scheme 3: Single external 5.0V power source
●
Power Scheme 4: Dual external 5.0V and 1.8V power sources
1.2.1
Power scheme 1: single external 3.3V power source
In this configuration, the internal voltage regulators are switched on by forcing the
VREG_DIS pin to low level.
●
The V18REG pin must be connected to external stabilization capacitors (min. 10 uF
Tantalum, low series resistance).
●
The V18 pin must be connected to external stabilization capacitors (33nF ceramic).
●
The V18_BKP pin must be connected to an external stabilization capacitor of 1µF.
●
A decoupling capacitor of 1µF must be added on the VDD_IO pin which is closest to the
V18REG pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com