Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2523 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 2Page - STMicroelectronics AN2523 Datasheet HTML 3Page - STMicroelectronics AN2523 Datasheet HTML 4Page - STMicroelectronics AN2523 Datasheet HTML 5Page - STMicroelectronics AN2523 Datasheet HTML 6Page - STMicroelectronics AN2523 Datasheet HTML 7Page - STMicroelectronics AN2523 Datasheet HTML 8Page - STMicroelectronics AN2523 Datasheet HTML 9Page - STMicroelectronics AN2523 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Register bit definition changes
AN2523
6/23
4EMI Bus
EMI_BCRx Registers:
EMI Burst mode is not
supported.
Add PSRAM (burst) mode new control bits in the
Bus Control registers:
Bit 0 - BLE: Byte Lane Enable
Bit 8 - BPM: Burst and Page Mode Read Selection
Bit 9 - SyncReadDev : Synchronous read access
device
Bit 11:10 - BRLEN[1:0]: Burst Read Transfer Length
Bit 16 - BMWrite : Burst mode write:
Bit 17 - SyncWriteDev: Synchronous write access
device.
Bit 19:18 - BWLen : Burst write transfer length
SCU_GPIOEMI
Bit 1 - Enable EMI_BCLK clock pin (BGA package)
Bit 2 - Enable EMI signals: WE/UB/LB configuration
(BGA package)
Table 2.
Register Bit Changes
Item
Peripheral/
Function
STR91xF
STR91xFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com