Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2523 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2523 Datasheet HTML 6Page - STMicroelectronics AN2523 Datasheet HTML 7Page - STMicroelectronics AN2523 Datasheet HTML 8Page - STMicroelectronics AN2523 Datasheet HTML 9Page - STMicroelectronics AN2523 Datasheet HTML 10Page - STMicroelectronics AN2523 Datasheet HTML 11Page - STMicroelectronics AN2523 Datasheet HTML 12Page - STMicroelectronics AN2523 Datasheet HTML 13Page - STMicroelectronics AN2523 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Functional changes and silicon fixes in STR91xFA
AN2523
10/23
6
Functional changes and silicon fixes in STR91xFA
6.1
I2C bus
Functional Fix: I2C bus error conditions
Description: Certain bus error conditions were not always reported correctly in the status
registers of the I2C controller. The specific conditions were: (1) failure to set the ARLO bit
when bus contention is detected in the acknowledge pulse in reception mode; (2) failure to
set the BERR bit if a misplaced START or STOP condition occurs on the first data pulse of a
master transmission; and (3) the BUSY bit does not correctly report bus activity if the I2C
controller is not enabled. These bugs have been fixed on STR91xFA.
Impact: Probably none. Since no software workarounds were identified or recommended for
the bugs that were fixed, no changes should be needed in response to the fixes. However,
error recovery software designed according to the I2C protocol specification will now see
correct settings for the ARLO, BERR, and BUSY bits in rare cases where they would
previously have been incorrect.
6.2
PLL
Functional Fix: Configuration Register default value
Description: Default values in the SCU_PLL configuration register after reset were
incorrect for the intended behavior in STR91xF. Defaults have been changed to P=3, N =
0xC0, M = 0x19 (PLL Clock = 48 MHz, assuming 25 MHz main crystal) in STR91xFA.
Impact: Software workaround to set the correct value at startup is no longer required, but
harmless if present.
6.3
RTC
Functional Change: RTC Calibration Frequency
Description: In STR91xF devices, the RTC calibration clock on pin JRTCK was a nominal
4.096 kHz signal, obtained by dividing the 32.768 KHz RTC by eight. In STR91xFA, the
divide by eight is bypassed, and JRTCK is driven 1:1 by the RTC input.
Impact: Speeds up the calibration procedure and provides a digital copy of the RTC for use
by other chips.
6.4
Low power modes
Functional Fix: Idle Mode Dependence on RTC
Description: When entering Idle Mode in STR91xF, the RTC clock must be present for the
internal state machine to switch to low power mode. In the STR91xFA, the RTC clock is no
longer needed. (Note: RTC clock is needed to enter the Sleep mode in both the STR91xF
and STR91xFA device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com