Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2523 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2523
Description  Migrating from STR91xF to STR91xFA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2523 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2523 Datasheet HTML 1Page - STMicroelectronics AN2523 Datasheet HTML 2Page - STMicroelectronics AN2523 Datasheet HTML 3Page - STMicroelectronics AN2523 Datasheet HTML 4Page - STMicroelectronics AN2523 Datasheet HTML 5Page - STMicroelectronics AN2523 Datasheet HTML 6Page - STMicroelectronics AN2523 Datasheet HTML 7Page - STMicroelectronics AN2523 Datasheet HTML 8Page - STMicroelectronics AN2523 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
May 2007
Rev 2
1/23
AN2523
Application note
Migrating from STR91xF to STR91xFA
Introduction
STR9 microcontrollers have two major salestype groups, as follows:
●
The initial group consist of devices STR91xFxxxxx, for example STR912FW44X6, with
silicon revisions B, and D. Revision D is in production. Detailed technical information for
these devices may be found in the STR91xF datasheet, STR91xF reference manual,
and STR91xF errata documents.
●
The second group consists of devices STR91xFAxxxxx, for example
STR912FAW44X6, with revisions E and G. Revision G is in production. Detailed
technical information for these devices may be found in the STR91xFA datasheet and
STR91xFA reference manual documents.
This document describes at the system level the feature enhancements and silicon fixes
incorporated in the new STR91xFA devices, compared to the original STR91xF devices.
It also describes what are the impacts when the STR91xF is replaced with the STR91xFA in
your design.
The changes in the STR91xFA can be grouped into two categories:
●
changes that are needed to fix the functional issues in the STR91xF
●
changes that are feature enhancements to the STR91xF
The enhancements are new features and will have no impact in your existing STR91xF
design. You have the option to add these new features to your design or not using it at all.
The functional or silicon fixes in the STR91xFA are targeted at solving the problems that are
documented in the STR91xF Errata Sheet. If you have implemented software workaround
on some of the issues, the workarounds will work fine with the STR91xFA and no software
change is required. Below is a summary of the changes, followed by detail descriptions.
www.st.com


Similar Part No. - AN2523

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2521 STMICROELECTRONICS-AN2521 Datasheet
785Kb / 33P
19 V - 75 W laptop adapter with tracking boost PFC
24-Oct-2007
AN2526 STMICROELECTRONICS-AN2526 Datasheet
185Kb / 10P
STMAV340 has 4 channels and a 2 to 1 video switch
30-Apr-2007
logo
Panasonic Semiconductor
AN2526NFH PANASONIC-AN2526NFH Datasheet
442Kb / 35P
Automotive LCD TV signal processor IC
logo
Freescale Semiconductor...
AN2528 FREESCALE-AN2528 Datasheet
654Kb / 28P
Standard Space Vector Modulation TPU Function Set (svmStd)
logo
STMicroelectronics
AN2528 STMICROELECTRONICS-AN2528 Datasheet
860Kb / 21P
Very wide input voltage range 6 W SMPS for metering
05-Jul-2007
More results

Similar Description - AN2523

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN1746 FREESCALE-AN1746 Datasheet
384Kb / 16P
Migrating from the MC68HC705K1 to the MC68HC705KJ1
logo
SPANSION
S71WS512N SPANSION-S71WS512N Datasheet
572Kb / 18P
Migrating from the S71WS512N to the S71WS512P
logo
Motorola, Inc
EB381 MOTOROLA-EB381 Datasheet
291Kb / 16P
Migrating from the MC68HC811E2 to the MC68HC11F1
logo
STMicroelectronics
AN4228 STMICROELECTRONICS-AN4228 Datasheet
841Kb / 90P
Migrating from STM32F1 to STM32F3 microcontrollers
05-Mar-2015
AN4421 STMICROELECTRONICS-AN4421 Datasheet
173Kb / 11P
Migrating from M24LR to M24SR series
17-Mar-2014
logo
Exar Corporation
DAN-160 EXAR-DAN-160 Datasheet
25Kb / 2P
MIGRATING FROM THE XR16C2850 TO THE XR16L2750
DAN-161 EXAR-DAN-161 Datasheet
26Kb / 2P
MIGRATING FROM THE XR16C2850 TO THE XR16L2751
DAN-162 EXAR-DAN-162 Datasheet
21Kb / 2P
MIGRATING FROM THE XR16C2852 TO THE XR16L2752
DAN-164 EXAR-DAN-164 Datasheet
137Kb / 3P
MIGRATING FROM THE ST16C2550 TO THE XR16L2750
DAN-183 EXAR-DAN-183 Datasheet
94Kb / 5P
MIGRATING FROM THE XR17D15X TO THE XR17V25X
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com