Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2615 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2615
Description  In general the ADC embedded in the ST7 microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2615 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2615 Datasheet HTML 1Page - STMicroelectronics AN2615 Datasheet HTML 2Page - STMicroelectronics AN2615 Datasheet HTML 3Page - STMicroelectronics AN2615 Datasheet HTML 4Page - STMicroelectronics AN2615 Datasheet HTML 5Page - STMicroelectronics AN2615 Datasheet HTML 6Page - STMicroelectronics AN2615 Datasheet HTML 7Page - STMicroelectronics AN2615 Datasheet HTML 8Page - STMicroelectronics AN2615 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
August 2007
Rev 1
1/37
AN2615
Application note
A high precision, low cost, single supply ADC for
positive and negative input voltages
Introduction
In general the ADC embedded in the ST7 microcontroller is enough for most applications.
But, in some cases it is necessary to measure both positive and negative voltages. This
requires an external ADC with this particular capability. Most external ADCs require a dual
supply to be able to do this. However, microcontroller-based applications usually only have a
positive supply available.
This application note describes a technique for implementing an ADC for measuring both
positive and negative input voltages while operating from a single (positive) supply. This
converter is based on a voltage-to-time conversion technique. Like other slope converters,
this ADC also uses an integrating capacitor, but the measured time is inversely proportional
to the input voltage. An additional comparator with a voltage reference is used to improve
conversion accuracy.
As shown in the circuit diagram (Figure 1 on page 6), the converter is implemented using an
integrating capacitor, resistor, external op-amp, comparators and some microcontroller I/O
pins. The ST72F264 microcontroller is used in this application note as an example, but the
implementation is feasible using any ST7 microcontroller. The 16-bit timer of the
microcontroller measures the time using its input capture pins (PB0 and PB2). These pins
are connected to the output of the Comp1 and Comp2 comparators. The I/O pins PB1 and
PB3 are used to switch the M1 and M2 switches on or off. The circuit could also work with a
microcontroller equipped with an 8-bit timer. Only a small modification to the software would
be needed.
www.st.com


Similar Part No. - AN2615

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26102A PANASONICBATTERY-AN26102A Datasheet
379Kb / 16P
SiGe Linear Power Amplifier for 2.4 GHz Band Applications
AN26102A PANASONICBATTERY-AN26102A_14 Datasheet
187Kb / 1P
SiGe Bi-CMOS Monolithic IC, WLCSP PKG Power Amplifi er
logo
Panasonic Semiconductor
AN26112A PANASONIC-AN26112A Datasheet
366Kb / 14P
VHF/UHF amplifier IC with Path Through mode for TV Applications
logo
STMicroelectronics
AN2612 STMICROELECTRONICS-AN2612 Datasheet
1Mb / 28P
Single 5-V DC power supply
R2A.
logo
Panasonic Semiconductor
AN26130A PANASONIC-AN26130A Datasheet
476Kb / 16P
Loop through Amplifier IC for VHF & UHF Band (40 MHz to 900 MHz) Applications
More results

Similar Description - AN2615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNA140 TI1-SPNA140 Datasheet
737Kb / 8P
Interfacing the Embedded 12-Bit ADC in a TMS570LS31x/21x and RM4x Series Microcontrollers
logo
Rochester Electronics
TN87C196KC-20 ROCHESTER-TN87C196KC-20 Datasheet
1Mb / 26P
POWERFUL MICROCONTROLLER for use in the automotive market
logo
STMicroelectronics
AN979 STMICROELECTRONICS-AN979 Datasheet
145Kb / 14P
DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
In general the ADC embedded in the ST7 microcontroller
13-Sep-2005
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
Using the UART interfaces in the SPEAr embedded MPU family
12-Mar-2012
UM0250 STMICROELECTRONICS-UM0250 Datasheet
244Kb / 12P
Getting started with the ST7
03-Jul-2006
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
STMicroelectronics
UM0139 STMICROELECTRONICS-UM0139 Datasheet
2Mb / 38P
The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
29-Jun-2007
logo
Maxim Integrated Produc...
MAX35104EVKIT2 MAXIM-MAX35104EVKIT2 Datasheet
1Mb / 7P
Easy Evaluation of the MAX35104 in an Embedded Environment
Rev 0; 5/18
logo
STMicroelectronics
X-CUBE-IAP-USART STMICROELECTRONICS-X-CUBE-IAP-USART Datasheet
115Kb / 3P
STM32Cube in-application programming using the USART embedded software
05-May-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com